Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCSW170DT Datasheet(PDF) 5 Page - NICHIA CORPORATION

Part # NCSW170DT
Description  WHITE LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NCSW170DT Datasheet(HTML) 5 Page - NICHIA CORPORATION

  NCSW170DT Datasheet HTML 1Page - NICHIA CORPORATION NCSW170DT Datasheet HTML 2Page - NICHIA CORPORATION NCSW170DT Datasheet HTML 3Page - NICHIA CORPORATION NCSW170DT Datasheet HTML 4Page - NICHIA CORPORATION NCSW170DT Datasheet HTML 5Page - NICHIA CORPORATION NCSW170DT Datasheet HTML 6Page - NICHIA CORPORATION NCSW170DT Datasheet HTML 7Page - NICHIA CORPORATION NCSW170DT Datasheet HTML 8Page - NICHIA CORPORATION NCSW170DT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
NICHIA STS-DA1-5069A <Cat.No.180827>
4
OUTLINE DIMENSIONS
管理番号 No.
(単位 Unit: mm)
This product complies with RoHS Directive.
本製品
RoHS指
適合し
ます
*
STS-DA7-12883A
NCSW170D
(単位 Unit: mm, 公差 Tolerance: ±0.05)
Dimensions do not include mold flash.
寸法 含ま い
します
*
The height of LED package is from the bottom of
back electrode to the surface of emitting area.
製品高さ
裏面電極
発エ
寸法 す
*
K
A
保護素子
Protection Device
B
0.14
B
A
1.45
1.23
0.3
Anode
Cathode
0.14
A
B
0.14
1.15±0.03
1.45
0.14
A
質量
Weight
0.0058g(TYP)
目 Item
ッ ー 材質
Package Materials
蛍体板材質
Phosphor sheet
Materials
電極材質
Electrodes Materials
内容 Description
セ ミッ
Ceramics
蛍体セ ミッ
Phosphor Ceramics
金メッキ
Au-plated
封止樹脂材質
Encapsulating Resin
Materials
ーン樹脂
Silicone Resin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com