Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9858PCB Datasheet(PDF) 6 Page - Analog Devices

Part # AD9858PCB
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858PCB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9858PCB Datasheet HTML 2Page - Analog Devices AD9858PCB Datasheet HTML 3Page - Analog Devices AD9858PCB Datasheet HTML 4Page - Analog Devices AD9858PCB Datasheet HTML 5Page - Analog Devices AD9858PCB Datasheet HTML 6Page - Analog Devices AD9858PCB Datasheet HTML 7Page - Analog Devices AD9858PCB Datasheet HTML 8Page - Analog Devices AD9858PCB Datasheet HTML 9Page - Analog Devices AD9858PCB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD9858
Rev. A | Page 6 of 32
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
AVDD
4 V
DVDD
4 V
CPVDD
6 V
Digital Input Voltage
–0.7 V to +VDD
Digital Output Current
5 mA
Storage Temperature
–65°C to +150°C
Operating Temperature
–40°C to +85°C
θJA EPAD Soldered
25°C/W
Absolute Maximum Ratings are limiting values, to be applied
individually, and beyond which the serviceability of the circuit
may be impaired. Functional operability under any of these
conditions is not necessarily implied. Exposure of absolute
maximum rating conditions for extended periods of time may
affect device reliability.
Table 3. Explanation of Test Levels
I
100% Production Tested.
III
Sample Tested Only.
IV
Parameter is guaranteed by design and characterization
testing.
V
Parameter is a typical value only.
VI
Devices are 100% production tested at 25°C and
guaranteed by design and characterization testing for
industrial operating temperature range.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com