Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9858PCB Datasheet(PDF) 28 Page - Analog Devices

Part # AD9858PCB
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858PCB Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9858PCB Datasheet HTML 24Page - Analog Devices AD9858PCB Datasheet HTML 25Page - Analog Devices AD9858PCB Datasheet HTML 26Page - Analog Devices AD9858PCB Datasheet HTML 27Page - Analog Devices AD9858PCB Datasheet HTML 28Page - Analog Devices AD9858PCB Datasheet HTML 29Page - Analog Devices AD9858PCB Datasheet HTML 30Page - Analog Devices AD9858PCB Datasheet HTML 31Page - Analog Devices AD9858PCB Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD9858
Rev. A | Page 28 of 32
Phase Offset Control
A 14-bit phase offset (θ) may be added to the output of the
phase accumulator by means of the phase offset words stored in
the memory registers. This feature provides the user with three
different methods of phase control.
The first method is a static phase adjustment, where a fixed
phase offset is loaded into the appropriate phase-offset register
and left unchanged. The result is that the output signal is offset
by a constant angle relative to the nominal signal. This allows
the user to phase align the DDS output with an external signal,
if necessary.
The second method of phase control is where the user regularly
updates the appropriate phase-offset register via the I/O port.
By properly modifying the phase offset as a function of time,
the user can implement a phase modulated output signal. The
rate at which phase modulation can be performed is limited by
both the speed of the I/O port and the frequency of SYSCLK.
The third method of phase control involves the profile registers,
in which the user loads up to four different phase-offset values
into the appropriate profiles. The user can then select among
the four preloaded phase-offset values via the AD9858 profile
select pins. Thus, the phase changes are accomplished by driving
the hardware pins rather than writing to the I/O port, thereby
avoiding the speed limitation imposed by the I/O port.
However, this method is restricted to only four phase-offset
values (one phase-offset value per profile). Each profile has an
associated frequency and phase value. Changing the current
profile updates both parameters, so care must be taken to
ensure that no unwanted parameter changes take place.
Note that the phase-offset value is routed through a unit delay
(z–1) block. This is done to ensure that updates of the phase-
offset values exhibit the same amount of latency as updates of
the frequency tuning word. Otherwise, if the user decides to
update both frequency and phase-offset values, the phase-offset
change would propagate through the device before the tuning
word change. The presence of the unit delay in the phase-offset
path ensures that both frequency and phase-offset changes
exhibit similar latency.
Profile Selection
A profile consists of a specific group of memory registers (see
Table 6). In the AD9858 each profile contains a 32-bit frequency
tuning word and a 14-bit phase-offset word. Each profile is
selectable via two external profile select pins (PS0 and PS1) as
defined in Table 12. The specific mapping of registers to profiles
is detailed in the Register Bit Descriptions section. The user
should be aware that selection of a profile is internally
synchronized with DDS CLK using the SYNCLK timing. That
is, SYNCLK is used to synchronize the assertion of the profile
select pins (PS0, PS1). Therefore, the PS0 and PS1 pins must be
set up and held around the rising edge of SYNCLK. The PS0
and PS1 inputs are designed for zero hold time and 3.5 ns
setup time.
Table 12.
PS1
PS0
Profile
0
0
0
0
1
1
1
0
2
1
1
3
The profiles are available to the user to provide rapid changing
of device parameters via external hardware, which alleviates the
speed limitations imposed by the I/O port. For example, the
user might preprogram the four phase offset registers with
values that correspond to phase increments of 90°. By
controlling the PS0 and PS1 pins, the user can implement π/2
phase modulation. The data modulation rate would be much
higher than that possible by repeatedly reloading a single phase-
offset register via the I/O port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com