Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFSL172AT Datasheet(PDF) 18 Page - NICHIA CORPORATION

Part # NFSL172AT
Description  LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSL172AT Datasheet(HTML) 18 Page - NICHIA CORPORATION

Back Button NFSL172AT Datasheet HTML 11Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 12Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 13Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 14Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 15Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 16Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 17Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 18Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 19Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
NICHIA STS-DA1-3953D <Cat.No.181017>
17
(6) Thermal Management
● The Absolute Maximum Junction Temperature (T
J) must not be exceeded under any circumstances. The increase in the
temperature of an LED while in operation may vary depending on the PCB thermal resistance and the density of LEDs on the PCB
assembly. Ensure that when using the LEDs for the chosen application, heat is not concentrated in an area and properly managed
in the system/assembly.
● The operating current should be determined by considering the temperature conditions surrounding the LED (i.e. T
A). Ensure that
when operating the LED, proper measures are taken to dissipate the heat.
● The following two equations can be used to calculate the LED junction temperature:
1) TJ=TA+RθJA・W
2) TJ=TS+RθJS・W
*TJ=LED Junction Temperature: °C
TA=Ambient Temperature: °C
TS=Soldering Temperature (Cathode Side): °C
RθJA=Thermal Resistance from Junction to Ambient: °C/W
RθJS=Thermal Resistance from Junction to TS Measurement Point: °C/W
W=Input Power(IF×VF): W
TS Measurement Point
(7) Cleaning
● Do not clean the LEDs with water, benzine and/or thinner.
● To clean the LEDs, use isopropyl alcohol (IPA). If another solvent is used, it may cause the LED package/resin to be damaged
causing issues; ensure that sufficient verification is performed prior to use. Additionally, ensure that the solvent being used does
not cause any other issues (e.g. CFC-based solvents are heavily regulated).
● If an LED is contaminated (e.g. dust/dirt), use a cloth soaked with isopropyl alcohol (IPA). Ensure that the cloth is firmly squeezed
before wiping the LED.
● Do not clean the LEDs with an ultrasonic cleaner. If cleaning must be done, ensure that sufficient verification is performed by using
a finished assembly with LEDs to determine cleaning conditions (e.g. ultrasonic power, LED position on the PCB assembly) that do
not cause an issue.
(8) Eye Safety
● There may be two important international specifications that should be noted for safe use of the LEDs: IEC 62471:2006
Photobiological safety of lamps and lamp systems and IEC 60825-1:2001 (i.e. Edition 1.2) Safety of Laser Products - Part 1:
Equipment Classification and Requirements. Ensure that when using the LEDs, there are no issues with the following points:
- LEDs have been removed from the scope of IEC 60825-1 since IEC 60825-1:2007 (i.e. Edition 2.0) was published. However,
depending on the country/region, there are cases where the requirements of the IEC 60825-1:2001 specifications or
equivalent must be adhered to.
- LEDs have been included in the scope of IEC 62471:2006 since the release of the specification in 2006.
- Most Nichia LEDs will be classified as the Exempt Group or Risk Group 1 according to IEC 62471:2006. However, in the case
of high-power LEDs containing blue wavelengths in the emission spectrum, there are LEDs that will be classified as Risk
Group 2 depending on the characteristics (e.g. radiation flux, emission spectrum, directivity, etc.)
- If the LED is used in a manner that produces an increased output or with an optic to collimate the light from the LED, it may
cause damage to the human eye.
● If an LED is operated in a manner that emits a flashing light, it may cause health issues (e.g. visual stimuli causing eye discomfort).
The system should be designed to ensure that there are no harmful effects on the human body.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com