Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFSL172AT Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NFSL172AT
Description  LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSL172AT Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NFSL172AT Datasheet HTML 1Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 2Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 3Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 4Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 5Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 6Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 7Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 8Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NICHIA STS-DA1-3953D <Cat.No.181017>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
2.7
3.3
V
Luminous Flux
P15
60.5
72.0
lm
P14
51.0
60.5
P13
42.8
51.0
P12
36.0
42.8
P11
30.3
36.0
Color Ranks
Rank d1
x
0.3575
0.3610
0.3780
0.3988
0.3897
0.3720
y
0.3612
0.3850
0.3970
0.4116
0.3823
0.3714
Rank d2
x
0.3545
0.3575
0.3720
0.3897
0.3822
0.3667
y
0.3408
0.3612
0.3714
0.3823
0.3580
0.3484
Rank e1
x
0.3897
0.3988
0.4162
0.4390
0.4255
0.4053
y
0.3823
0.4116
0.4200
0.4310
0.4000
0.3907
Rank e2
x
0.3822
0.3897
0.4053
0.4255
0.4129
0.3954
y
0.3580
0.3823
0.3907
0.4000
0.3725
0.3642
Rank f3
Rank f4
x
0.4255
0.4390
0.4680
0.4519
x
0.4519
0.4680
0.4970
0.4770
y
0.4000
0.4310
0.4385
0.4086
y
0.4086
0.4385
0.4466
0.4137
Rank f5
Rank f6
x
0.4129
0.4255
0.4519
0.4355
x
0.4355
0.4519
0.4770
0.4588
y
0.3725
0.4000
0.4086
0.3785
y
0.3785
0.4086
0.4137
0.3838
Rank sw27
Rank sw30
x
0.4373
0.4562
0.4813
0.4593
x
0.4147
0.4299
0.4562
0.4373
y
0.3893
0.4260
0.4319
0.3944
y
0.3814
0.4165
0.4260
0.3893
Rank sw35
Rank sw40
x
0.3898
0.3996
0.4299
0.4147
x
0.3670
0.3736
0.3996
0.3898
y
0.3716
0.4015
0.4165
0.3814
y
0.3578
0.3874
0.4015
0.3716
* Ranking at TS=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Flux Tolerance: ±7%
* Chromaticity Coordinate Tolerance: ±0.01
* LEDs from the above ranks will be shipped. The rank combination ratio per shipment will be decided by Nichia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com