Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3780 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3780
Description  High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3780 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3780 Datasheet HTML 10Page - Linear Technology LTC3780 Datasheet HTML 11Page - Linear Technology LTC3780 Datasheet HTML 12Page - Linear Technology LTC3780 Datasheet HTML 13Page - Linear Technology LTC3780 Datasheet HTML 14Page - Linear Technology LTC3780 Datasheet HTML 15Page - Linear Technology LTC3780 Datasheet HTML 16Page - Linear Technology LTC3780 Datasheet HTML 17Page - Linear Technology LTC3780 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
LTC3780
3780f
diode of Synchronous Switch B or the Schottky diode,
which is in parallel in with Synchronous Switch B, is used
to discharge inductor current. As a result, some cycles will
be skipped when the output load current drops below 1%
of the maximum designed load in order to maintain the
output voltage.
When the FCB pin voltage is tied to the INTVCC pin, the
controller enters constant frequency Discontinuous Cur-
rent mode (DCM). For Boost operation, Synchronous
Switch D is held off whenever the ITH pin is below a
threshold voltage. In every cycle, Switch C is used to
charge inductor current. After the output voltage is high
enough, the controller will enter continuous current Buck
mode for one cycle to discharge inductor current. In the
following cycle, the controller will resume DCM Boost
operation. For Buck operation, constant frequency Dis-
continuous Current mode sets a minimum negative induc-
tor current level. Synchronous Switch B is turned off
whenever inductor current is lower than this level. At very
light loads, this constant frequency operation is not as
efficient as Burst Mode operation or Skip-Cycle, but does
provide lower noise, constant frequency operation.
FREQUENCY SYNCHRONIZATION AND
FREQUENCY SETUP
The phase-locked loop allows the internal oscillator to be
synchronized to an external source via the PLLIN pin. The
phase detector output at the PLLFLTR pin is also the DC
frequency control input of the oscillator. The frequency
ranges from 200kHz to 400kHz, corresponding to a DC
voltage input from 0V to 2.4V at PLLFLTR. When locked,
the PLL aligns the turn on of the top MOSFET to the rising
edge of the synchronizing signal. When PLLIN is left open,
the PLLFLTR pin goes low, forcing the oscillator to its
minimum frequency.
OPERATIO
INTVCC/EXTVCC POWER
Power for all power MOSFET drivers and most internal
circuitry is derived from the INTVCC pin. When the EXTVCC
pin is left open, an internal 6V low dropout linear regulator
supplies INTVCC power. If EXTVCC is taken above 5.7V, the
6V regulator is turned off and an internal switch is turned
on, connecting EXTVCC to INTVCC. This allows the INTVCC
power to be derived from a high efficiency external source.
POWER GOOD (PGOOD) PIN
The PGOOD pin is connected to an open drain of an internal
MOSFET. The MOSFET turns on and pulls the pin low when
the output is not within ±7.5% of the nominal output level
as determined by the resistive feedback divider. When the
output meets the ±7.5% requirement, the MOSFET is
turned off and the pin is allowed to be pulled up by an
external resistor to a source of up to 7V.
FOLDBACK CURRENT
Foldback current limiting is activated when the output
voltage falls below 70% of its nominal level, reducing power
waste. During start-up, foldback current limiting is disabled.
INPUT UNDERVOLTAGE RESET
The SS capacitor will be reset if the input voltage is allowed
to fall below approximately 4V. The SS capacitor will
attempt to charge through a normal soft-start ramp after
the input voltage rises above 4V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com