Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3780 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3780
Description  High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3780 Datasheet(HTML) 3 Page - Linear Technology

  LTC3780 Datasheet HTML 1Page - Linear Technology LTC3780 Datasheet HTML 2Page - Linear Technology LTC3780 Datasheet HTML 3Page - Linear Technology LTC3780 Datasheet HTML 4Page - Linear Technology LTC3780 Datasheet HTML 5Page - Linear Technology LTC3780 Datasheet HTML 6Page - Linear Technology LTC3780 Datasheet HTML 7Page - Linear Technology LTC3780 Datasheet HTML 8Page - Linear Technology LTC3780 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LTC3780
3780f
VREF(LINEREG)
Reference Voltage Line Regulation
VIN = 4V to 30V, ITH = 1.2V (Note 3)
0.002
0.02
%/V
gm(EA)
Error Amplifier Transconductance
ITH = 1.2V, Sink/Source = 3µA (Note 3)
0.32
mS
gm(GBW)
Error Amplifier GBW
0.6
MHz
IQ
Input DC Supply Current
(Note 4)
Normal
2400
µA
Standby
VRUN = 0V, VSTBYMD > 2V
1500
µA
Shutdown Supply Current
VRUN = 0V, VSTBYMD = Open
55
70
µA
VFCB
Forced Continuous Threshold
0.76
0.800
0.84
V
IFCB
Forced Continuous Pin Current
VFCB = 0.85V
–0.30
–0.18
–0.1
µA
VBINHIBIT
Burst Inhibit (Constant Frequency)
Measured at FCB Pin
5.3
5.5
V
Threshold
UVLO
Undervoltage Reset
VIN Falling
3.8
4
V
VOVL
Feedback Overvoltage Lockout
Measured at VOSENSE Pin
0.84
0.86
0.88
V
ISENSE
Sense Pins Total Source Current
VSENSE– = VSENSE+ = 0V
–380
µA
VSTBYMD(START)
Start-Up Threshold
VSTBYMD Rising
0.4
0.7
V
VSTBYMD(KA)
Keep-Alive Power-On Threshold
VSTBYMD Rising, VRUN = 0V
1.25
V
DF MAX, BOOST Maximum Duty Factor
% Switch C On
99
%
DF MAX, BUCK
Maximum Duty Factor
% Switch A On (in Dropout)
99
%
VRUN(ON)
RUN Pin On Threshold
VRUN Rising
1
1.5
2
V
ISS
Soft-Start Charge Current
VRUN = 2V
0.5
1.2
µA
VSENSE(MAX)
Maximum Current Sense Threshold
Boost: VOSENSE = VREF – 50mV
160
185
mV
Buck: VOSENSE = VREF – 50mV
–95
–130
–150
mV
VSENSE(MIN,BUCK) Minimum Current Sense Threshold
Discontinuous Mode
–6
mV
TG1, TG2 tr
TG Rise Time
CLOAD = 3300pF (Note 5)
50
ns
TG1, TG2 tf
TG Fall Time
CLOAD = 3300pF (Note 5)
45
ns
BG1, BG2 tr
BG Rise Time
CLOAD = 3300pF (Note 5)
45
ns
BG1, BG2 tf
BG Fall Time
CLOAD = 3300pF (Note 5)
55
ns
TG1/BG1 t1D
TG1 Off to BG1 On Delay,
CLOAD = 3300pF Each Driver
80
ns
Switch C On Delay
BG1/TG1 t2D
BG1 Off to TG1 On Delay,
CLOAD = 3300pF Each Driver
80
ns
Synchronous Switch D On Delay
TG2/BG2 t3D
TG2 Off to BG2 On Delay,
CLOAD = 3300pF Each Driver
80
ns
Synchronous Switch B On Delay
BG2/TG2 t4D
BG2 Off to TG2 On Delay,
CLOAD = 3300pF Each Driver
80
ns
Switch A On Delay
Mode
BG1 Off to BG2 On Delay,
CLOAD = 3300pF Each Driver
90
ns
Transition 1
Switch A On Delay
Mode
BG2 Off to BG1 On Delay,
CLOAD = 3300pF Each Driver
90
ns
Transition 2
Synchronous Switch D On Delay
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The
indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com