| Electronic Components Datasheet Search |
|
RT9501APF Datasheet(PDF) 6 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT9501APF Datasheet(HTML) 6 Page - Richtek Technology Corporation |
|
6 / 9 page ![]() RT9501A/B Preliminary 6 DS9501A/B-03P October 2004 Detection First, the FB/CE pin must connect to VDD or a voltage divider to enable the charge function. And then if a battery is already inserted and the input power source is absent, the RT9501 will enter sleep mode to prevent draining power from battery. When input power source and battery are both existed, another detection is the battery temperature. The TS pin voltage must be in the allowed range as shown in Figure 6 and the electrical characteristics, and then the RT9501 will start the charge cycle according to the battery voltage conditions. Precharge Mode When the battery voltage is lower than the precharge threshold VO(MIN), the RT9501 begins to charge the battery in precharge mode. In this condition, the precharge current is set at approximately 10% of the constant regulation current. The purposes of small precharge current are to minimize the power dissipation on the external switch during the precharge period and to revive deeply discharged battery cells. I(SNS) O(REG) CS V I= R Application Information Charge Profile Regulation voltage Regulation current Precharge threshold voltage Precharge mode Precharge current = Charge termination current Constant current regulation mode Constant voltage regulation and charge termination mode Recharge voltage Recharge mode Figure 3. Typical charge profile Constant Current Regulation Charge Mode When the battery voltage is between the precharge threshold VO(MIN) and the regulation voltage VO(REG), the RT9501 starts the constant current regulation charge mode. RT9501 monitors charge current with voltage drop between two terminals of a sense-resistor, RCS, which connects to pin VDD and CS. The following equation can calculate the desired charging current. Figure 4 FB/CE BATT TS STAT CC CS VDD GND Q1 R CS V IN Battery R4 勝特力科技 886-3-5753170 百年電子 86-755-83289224 Http://www.100y.com.tw |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |