Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9501APF Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9501APF
Description  Advanced Lithium-lon Linear Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9501APF Datasheet(HTML) 8 Page - Richtek Technology Corporation

  RT9501APF Datasheet HTML 1Page - Richtek Technology Corporation RT9501APF Datasheet HTML 2Page - Richtek Technology Corporation RT9501APF Datasheet HTML 3Page - Richtek Technology Corporation RT9501APF Datasheet HTML 4Page - Richtek Technology Corporation RT9501APF Datasheet HTML 5Page - Richtek Technology Corporation RT9501APF Datasheet HTML 6Page - Richtek Technology Corporation RT9501APF Datasheet HTML 7Page - Richtek Technology Corporation RT9501APF Datasheet HTML 8Page - Richtek Technology Corporation RT9501APF Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
RT9501A/B
Preliminary
8
DS9501A/B-03P
October 2004
Condition
STAT Pin
In battery charging cycle
High
Charge cycle completed
Low
Temperature fault or charge
function disable or sleep mode
High Impedance
Selecting an External PNP Pass-Transistor or
P-Channel MOSFET:
The RT9501 drives an external PNP transistor or
P-Channel MOSFET to control the charging current. The
specifications must be concerned are the voltage and
current rating and package power dissipation. The external
switch is performed as a linear regulator. The maximum
power loss occurs when the constant current regulation
starts at the beginning, and it can be calculated
approximately from following equation:
I(SNS) is the constant regulation current.
The minimum voltage drop between the sense-resistor
is 100mV, and the minimum precharge threshold voltage
is 2.8V.
The external pass device with PCB heatsinking must be
rated for the maximum power dissipation.
D(MAX)
(SNS)
DD
P
= I
(V
- 0.1V - 2.8V)
×
Charge status indication
The RT9501 indicates the status of the charger on the
3-state STAT pin. The following table shows the statuses
of this pin.
Selecting Input/Output Capacitor
In analog circuit applications, to place a high-frequency
decoupling capacitor nearby the controller IC between
input power source and ground is very important. A 0.1uF
ceramic is recommended. If a high ripple and noise input
power is chosen, it should have enough capacitance to
reduce the disturbance.
A 0.1uF to 1uF output capacitor is recommended to control
the output voltage and keep the output voltage ripple small
when the battery is disconnected.
×
FB1
O(REG)
FB2
R
V= 2.1 (1+
) V
R
Figure 8. For FB pin Function
FB
BATT
TS
STAT
CC
CS
VDD
GND
Q1
V
IN
Battery
R
CS
R
FB1
R
FB2
R4
勝特力科技
886-3-5753170
百年電子
86-755-83289224
Http://www.100y.com.tw



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com