Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJSW170CT-PB Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NJSW170CT-PB
Description  WHITE LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NJSW170CT-PB Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NJSW170CT-PB Datasheet HTML 2Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 3Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 4Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 5Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 6Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 7Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 8Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 9Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
NICHIA STS-DA1-4903A <Cat.No.180228>
5
SOLDERING
• Reflow Soldering Condition(Lead-free Solder)
120sec Max
Pre-heat
180 to 200°C
260°CMax
10sec Max
60sec Max
Above 220°C
1 to 5°C per sec
● Recommended Soldering Pad Pattern
● Recommended Metal Solder Stencil Aperture
(単位 Unit: mm)
0.3
1.15
R0.075
0.4
1.05
R0.075
* This LED is designed to be reflow soldered to a PCB. If dip soldered or hand soldered, Nichia will not guarantee its reliability.
* Reflow soldering must not be performed more than twice.
* The reflow profile should be determined based on the recommended soldering conditions for the solder paste that is used.
* When cooling the LEDs from the peak temperature a gradual cooling slope is recommended; do not cool the LEDs rapidly.
* During reflow soldering, the heat and atmosphere in the reflow oven may cause the optical characteristics to degrade. In particular,
reflow soldering performed with an air atmosphere may have a greater negative effect on the optical characteristics than if a
nitrogen atmosphere is used; Nichia recommends using a nitrogen reflow atmosphere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com