Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJSW170CT-PB Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NJSW170CT-PB
Description  WHITE LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NJSW170CT-PB Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NJSW170CT-PB Datasheet HTML 1Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 2Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 3Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 4Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 5Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 6Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 7Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 8Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NICHIA STS-DA1-4903A <Cat.No.180228>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
2.7
3.3
V
Luminous Flux
C100
100
115
lm
C085
85
100
C070
70
85
Color Ranks
Rank ap4
Rank ap5
x
0.2657
0.2850
0.2980
0.2788
x
0.2740
0.2932
0.3063
0.2870
y
0.2172
0.2540
0.2460
0.2093
y
0.2330
0.2697
0.2618
0.2250
* Ranking at TS=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Flux Tolerance: ±5%
* Chromaticity Coordinate Tolerance: ±0.003
* LEDs from the above ranks will be shipped. The rank combination ratio per shipment will be decided by Nichia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com