Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM4226M Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SSM4226M
Description  DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SSM4226M Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SSM4226M Datasheet HTML 1Page - Silicon Storage Technology, Inc SSM4226M Datasheet HTML 2Page - Silicon Storage Technology, Inc SSM4226M Datasheet HTML 3Page - Silicon Storage Technology, Inc SSM4226M Datasheet HTML 4Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
www.SiliconStandard.com
4 of 4
SSM4226M/GM
8/06/2004 Rev.1.02
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
10
100
1000
10000
1
5
9
13
17
21
25
29
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
Ciss
Coss
Crss
0
4
8
12
16
0
1020304050
Q G , Total Gate Charge (nC)
V DS =15V
V DS =20V
V DS =24V
I D =8A
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja = 135℃
℃
℃
℃/W
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0.01
0.1
1
10
100
0.1
1
10
100
V DS (V)
T c =25
o C
Single Pulse
1s
1ms
10ms
100ms
DC
100us
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
td(on) tr
td(off) tf
VDS
VGS
10%
90%
Q
VG
4.5V
QGS
QGD
QG
Charge
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com