Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM4226M Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SSM4226M
Description  DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SSM4226M Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SSM4226M Datasheet HTML 1Page - Silicon Storage Technology, Inc SSM4226M Datasheet HTML 2Page - Silicon Storage Technology, Inc SSM4226M Datasheet HTML 3Page - Silicon Storage Technology, Inc SSM4226M Datasheet HTML 4Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SiliconStandard.com
1 of 4
SSM4226M/GM
8/06/2004 Rev.1.02
DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
Low on-resistance
BVDSS
30V
Simple drive requirement
R DS(ON)
18m
Ω
High VGS rating
ID
8.2A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID @ TA=25°C
ID @ TA=70°C
IDM
A
PD @ TA=25°C
W/°C
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
3
Max.
62.5
°C/W
Parameter
Rating
Drain-Source Voltage
30
Gate-Source Voltage
± 20
Continuous Drain Current
3
8.2
A
Continuous Drain Current
3
6.7
A
Pulsed Drain Current
1
30
Total Power Dissipation
2
W
-55 to 150
°C
Operating Junction Temperature Range
-55 to 150
°C
Linear Derating Factor
0.016
Thermal Data
Parameter
Storage Temperature Range
Advanced Power MOSFETs from Silicon Standard provide the
designer with the best combination of fast switching,
ruggedized device design, ultra low on-resistance and
cost-effectiveness.
G2
D2
S2
G1
D1
S1
S1
G1
S2
G2
D1
D1
D2
D2
SO-8
This device is available with Pb-free lead finish (second-level interconnect) as SSM4226GM.


Similar Part No. - SSM4226M

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM4226M SSC-SSM4226M Datasheet
147Kb / 4P
DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
More results

Similar Description - SSM4226M

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS6982 GTM-GSS6982 Datasheet
482Kb / 7P
DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTDN9971Q8 CYSTEKEC-MTDN9971Q8 Datasheet
468Kb / 5P
Dual N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Unisonic Technologies
10NN15 UTC-10NN15_15 Datasheet
201Kb / 3P
DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTB60A06DH8 CYSTEKEC-MTB60A06DH8 Datasheet
580Kb / 10P
Dual N-Channel Enhancement Mode Power MOSFET
MTA020A01Q8 CYSTEKEC-MTA020A01Q8 Datasheet
455Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB100A10KRQ8 CYSTEKEC-MTB100A10KRQ8 Datasheet
456Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTDA0A10Q8 CYSTEKEC-MTDA0A10Q8 Datasheet
454Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB20A04Q8 CYSTEKEC-MTB20A04Q8 Datasheet
422Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTE080A10Q8 CYSTEKEC-MTE080A10Q8 Datasheet
456Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB095A10KRQ8 CYSTEKEC-MTB095A10KRQ8 Datasheet
457Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com