Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7313 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 7313
Description  Touch panels with STN/FSTN or TFT display
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7313 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  7313 Datasheet HTML 1Page - PHOENIX CONTACT 7313 Datasheet HTML 2Page - PHOENIX CONTACT 7313 Datasheet HTML 3Page - PHOENIX CONTACT 7313 Datasheet HTML 4Page - PHOENIX CONTACT 7313 Datasheet HTML 5Page - PHOENIX CONTACT 7313 Datasheet HTML 6Page - PHOENIX CONTACT 7313 Datasheet HTML 7Page - PHOENIX CONTACT 7313 Datasheet HTML 8Page - PHOENIX CONTACT 7313 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TP 04M, TP 06M, TP 06S, TP 07T
7313_en_03
PHOENIX CONTACT
4
4Mounting
The device enables quick and easy mounting from the rear.
Ideally, mounting should be in control panels with a plate
thickness of approximately 1 mm to 6 mm.
1.
Push the device through the mounting cutout from the
front.
Figure 1
Mounting with mounting bracket
2.
Place the mounting brackets in the appropriate slots (1)
and pull the brackets downwards until they snap into
place (2).
3.
Secure the device using the threaded pins (3).
When mounting the touch panel, leave a
circumferential gap of at least 30 mm in order
to provide sufficient air circulation.
If the touch panel is mounted horizontally,
please note that additional heat sources may
cause a build-up of heat below the touch
panel.
Provide sufficient heat dissipation!
Please observe the permissible temperature
range specified in the technical data when
operating the device.
In order to ensure the specified degree of
protection, make sure that the grommet lies
flat against the mounting surface and the
threaded pins of the mounting brackets are
tightened uniformly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com