Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7313 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 7313
Description  Touch panels with STN/FSTN or TFT display
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7313 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  7313 Datasheet HTML 1Page - PHOENIX CONTACT 7313 Datasheet HTML 2Page - PHOENIX CONTACT 7313 Datasheet HTML 3Page - PHOENIX CONTACT 7313 Datasheet HTML 4Page - PHOENIX CONTACT 7313 Datasheet HTML 5Page - PHOENIX CONTACT 7313 Datasheet HTML 6Page - PHOENIX CONTACT 7313 Datasheet HTML 7Page - PHOENIX CONTACT 7313 Datasheet HTML 8Page - PHOENIX CONTACT 7313 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© PHOENIX CONTACT - 06/2008
7313_en_03
AUTOMATION
TP 04M, TP 06M, TP 06S, TP 07T
Data sheet
1Product description
The touch panels TP 04M, TP 06M, TP 06S and TP 07T are
part of a modern, scalable and seamless HMI family.
Through the use of a comprehensive range of functions, the
touch panels provide an innovative operating concept for
complex machine visualizations.
The touch panels have full-graphics 4", 6" or 7" displays.
Each touch panel is equipped with one Ethernet interface
and two USB interfaces.
Make sure you always use the latest documentation.
It can be downloaded at www.download.phoenixcontact.com.
A conversion table is available on the Internet at www.download.phoenixcontact.com/general/7000_en_00.pdf.
This data sheet is valid for the products listed on the following page:
Touch panels with STN/FSTN or TFT display


Similar Part No. - 7313

ManufacturerPart #DatasheetDescription
logo
Mitutoyo America Corpor...
7313 MITUTOYO-7313 Datasheet
95Kb / 1P
Dial Thickness Gages
logo
V-COIL THREAD SYSTEM
7313 V-COIL-7313 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Keystone Electronics Co...
7313 KEYSTONE-7313 Datasheet
558Kb / 1P
TERMINAL LUGS
31-07 20th
logo
Molex Electronics Ltd.
73131-0240 MOLEX11-73131-0240 Datasheet
32Kb / 1P
BNC 50 Ohm, Right-Angle PCB Jack Receptacle, Nickel Plated Brass Body
73131-0240 MOLEX-73131-0240 Datasheet
181Kb / 3P
BNC JACK R/A PCB TH 50 OHMS, BNC-J/RA/PCB
2021/04/21
More results

Similar Description - 7313

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PE12864-004 POWERTIP-PE12864-004 Datasheet
260Kb / 1P
- Available in STN, FSTN, FFSTN; with/out backlight.
logo
Vishay Siliconix
TIP-3526PCS-8 VISHAY-TIP-3526PCS-8 Datasheet
113Kb / 9P
Infrared Touch Panels
05-Dec-00
TIP VISHAY-TIP Datasheet
87Kb / 4P
Infrared Touch Panels
05-Dec-00
logo
Advantech Co., Ltd.
TPC-660G ADVANTECH-TPC-660G Datasheet
644Kb / 2P
AMD LX800 Touch Panel Computer with 6.4 VGA TFT LCD Display
logo
PHOENIX CONTACT
2985123 PHOENIX-2985123 Datasheet
796Kb / 24P
Operator terminals with FSTN display
logo
Crystalfontz America, I...
CFAF480128A0-039TC CRYSTAIFONTZ-CFAF480128A0-039TC Datasheet
1Mb / 13P
TFT DISPLAY MODULE WITH CAPACITIVE TOUCH PANEL
CFAF480128A0-039TR CRYSTAIFONTZ-CFAF480128A0-039TR Datasheet
1Mb / 13P
TFT DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAF800480E0-050SC CRYSTAIFONTZ-CFAF800480E0-050SC Datasheet
1Mb / 16P
5??TFT DISPLAY MODULE WITH CAPACITIVE TOUCH PANEL
CFAM800480A0-070R CRYSTAIFONTZ-CFAM800480A0-070R Datasheet
1Mb / 13P
7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAM1024600A0-070R CRYSTAIFONTZ-CFAM1024600A0-070R Datasheet
1Mb / 13P
7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com