Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC2201 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TC2201
Description  Plastic Packaged Low Noise PHEMT GaAs FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC2201 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TC2201 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC2201 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC2201 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC2201 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TC2201
REV.2_04/12/2004
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 4
Plastic Packaged Low Noise PHEMT GaAs FETs
FEATURES
• 1.5 dB Typical Noise Figure at 12 GHz
• High Associated Gain:
Ga = 7 dB Typical at 12 GHz
• 21.5 dBm Typical Power at 12 GHz
• 8 dB Typical Linear Power Gain at 12 GHz
• Lg = 0.25 µm, Wg = 300 µm
• 100 % DC Tested
• Low Cost Plastic Micro-X Package
DESCRIPTION
The TC2201 is a high performance field effect transistor housed in a plastic package with TC1201 PHEMT
Chip. Its low noise figure makes this device suitable for use in low noise amplifiers. All devices are 100 % DC
tested to assure consistent quality.
ELECTRICAL SPECIFICATIONS (TA=25
°°°°C)
Symbol
CONDITIONS
MIN
TYP
MAX
UNIT
NF
Noise Figure at VDS = 4 V, IDS = 25 mA, f = 12GHz
1.5
2
dB
Ga
Associated Gain at VDS = 4 V, IDS = 25 mA, f = 12GHz
6
7
dB
P1dB
Output Power at 1dB Gain Compression Point, f = 12GHz
VDS = 6 V, IDS = 40 mA
20.5
21.5
dBm
GL
Linear Power Gain, f = 12GHz
VDS = 6 V, IDS = 40 mA
7
8
dB
IDSS
Saturated Drain-Source Current at VDS = 2 V, VGS = 0 V
90
mA
gm
Transconductance at VDS = 2 V, VGS = 0 V
100
mS
VP
Pinch-off Voltage at VDS = 2 V, ID = 0.6mA
-1.0*
Volts
BVDGO
Drain-Gate Breakdown Voltage at IDGO = 0.15mA
9
12
Volts
Rth
Thermal Resistance
80
°C/W
ABSOLUTE MAXIMUM RATINGS (TA=25
°°°°C)
Symbol
Parameter
Rating
VDS
Drain-Source Voltage
7.0 V
VGS
Gate-Source Voltage
-3.0 V
IDS
Drain Current
IDSS
IGS
Gate Current
300
µA
Pin
RF Input Power, CW
17 dBm
PT
Continuous Dissipation
400 mW
TCH
Channel Temperature
175
°C
TSTG
Storage Temperature
- 65
°C to +175 °C
PHOTO ENLARGEMENT
* For the tight control of the pinch-off voltage range, we divide TC2201 into 3 model numbers to fit customer design requirement
(1)TC2201P0710 : Vp = -0.7V to -1.0V (2)TC2201P0811 : Vp = -0.8V to -1.1V (3)TC2201P0912 : Vp = -0.9V to -1.2V
If required, customer can specify the requirement in purchasing document. For special Vp requirement, please contact factory for
details.


Similar Part No. - TC2201

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC2201 TRANSCOM-TC2201 Datasheet
159Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
logo
SHENZHEN FUMAN ELECTRON...
TC2201 FUMAN-TC2201 Datasheet
263Kb / 6P
Dual CC/CV Mode Switch Controller
More results

Similar Description - TC2201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
1W Low-Cost Packaged PHEMT GaAs Power FETs
TC2182 ETC2-TC2182 Datasheet
104Kb / 4P
Low Noise Ceramic Packaged PHEMT GaAs FETs
logo
Transcom, Inc.
TC2101 TRANSCOM-TC2101 Datasheet
167Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
TC2111 TRANSCOM-TC2111 Datasheet
162Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
TC2182 TRANSCOM-TC2182 Datasheet
227Kb / 3P
Low Noise Ceramic Packaged PHEMT GaAs FETs
TC2201 TRANSCOM-TC2201 Datasheet
159Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
TC2211 TRANSCOM-TC2211 Datasheet
158Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
TC2282 TRANSCOM-TC2282 Datasheet
225Kb / 3P
Low Noise Ceramic Packaged PHEMT GaAs FETs
TC3918 TRANSCOM-TC3918 Datasheet
229Kb / 3P
Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC3928 TRANSCOM-TC3928 Datasheet
155Kb / 2P
Packaged Single-Bias Low Noise PHEMT GaAs FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com