Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC5160 Datasheet(PDF) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC5160
Description  Universal high voltage controller/driver for two-phase bipolar stepper motor.
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC5160 Datasheet(HTML) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMC5160 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5160 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5160 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5160 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5160 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5160 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5160 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5160 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5160 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 133 page
background image
TMC5160 DATASHEET (Rev. 1.08 / 2018-NOV-19)
5
www.trinamic.com
1 Principles of Operation
The TMC5160 motion controller and driver chip is an intelligent power component interfacing between
CPU and a high power stepper motor. All stepper motor logic is completely within the TMC5160. No
software is required to control the motor – just provide target positions. The TMC5160 offers a
number of unique enhancements which are enabled by the system-on-chip integration of driver and
controller. The sixPoint ramp generator of the TMC5160 uses stealthChop, dcStep, coolStep, and
stallGuard2 automatically to optimize every motor movement. The TMC5160 ideally extends the
TMC2100, TMC2130 and TMC5130 family to higher voltages and higher motor currents.
THE TMC5160 OFFERS THREE BASIC MODES OF OPERATION:
MODE 1: Full Featured Motion Controller & Driver
All stepper motor logic is completely within the TMC5160. No software is required to control the
motor – just provide target positions. Enable this mode by tying low pin SD_MODE.
MODE 2: Step & Direction Driver
An external high-performance S-ramp motion controller like the TMC4361 or a central CPU generates
step & direction signals synchronized to other components like additional motors within the system.
The TMC5160 takes care of intelligent current and mode control and delivers feedback on the state of
the motor. The microPlyer automatically smoothens motion. Tie SD_MODE high.
MODE 3: Simple Step & Direction Driver
The TMC5160 positions the motor based on step & direction signals. The microPlyer automatically
smoothens motion. No CPU interaction is required; configuration is done by hardware pins. Basic
standby current control can be done by the TMC5160. Optional feedback signals allow error detection
and synchronization. Enable this mode by tying pin SPI_MODE low and SD_MODE high.
47R
47R
LS
VCC_IO
TMC5160
SPI interface
CSN
SCK
SDO
SDI
Ref. switch
processing
DIAG / INT out
and
Single wire
interface
5V Voltage
regulator
charge pump
22n
100V
100n
16V
DIAG0/SWN
CLK_IN
DIAG1/SWP
+VM
5VOUT
VSA
2.2µ
+VIO
VCC
opt. ext. clock
12-16MHz
3.3V or 5V
I/O voltage
100n
100n
LS
stepper
motor
N
S
BMA2
100n
SRAH
CE
2R2
470n
Encoder
unit
A
B
N
Encoder input /
dcStep control in S/D
mode
opt. driver enable
B.Dwersteg, ©
TRINAMIC 2014
RS
SRAL
LA1
LA2
HA1
HA2
BMA1
HS
HS
CA1
CB
CA2
CB
+VM
LS
LS
BMB2
SRBH
RS
SRBL
LB1
LB2
HB1
HB2
BMB1
HS
HS
CB1
CB
CB2
CB
+VM
Both GND: UART mode
11.5V Voltage
regulator
12VOUT
2.2µ
mode selection
470n
470n
RG
RG
RG
RG
RG
RG
RG
RG
47R
47R
+VIO
pd
pd
pd
+VIO
Stepper driver
Protection
& diagnostics
spreadCycle &
stealthChop
Chopper
programmable
sine table
4*256 entry
stallGuard2™
coolStep™
x
linear 6 point
RAMP generator
Step &
Direction pulse
generation
Control register
set
Interf
ace
dcStep™
coolS
tep &
stealt
hCho
p
moto
r driv
er
B.Dwersteg, ©
TRINAMIC 2014
Motio
n con
trol
Figure 1.1 TMC5160 basic application block diagram (motion controller)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com