Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC5160 Datasheet(PDF) 9 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC5160
Description  Universal high voltage controller/driver for two-phase bipolar stepper motor.
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC5160 Datasheet(HTML) 9 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC5160 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5160 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5160 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5160 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5160 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5160 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5160 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5160 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5160 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 133 page
background image
TMC5160 DATASHEET (Rev. 1.08 / 2018-NOV-19)
9
www.trinamic.com
can be pre-configured via the interface. stealthChop2 allows high motor dynamics, by reacting at once
to a change of motor velocity.
For highest dynamic applications, spreadCycle is an option to stealthChop2. It can be enabled via
input pin (standalone mode) or via SPI or UART interface. stealthChop2 and spreadCycle may even be
used in a combined configuration for the best of both worlds: stealthChop2 for no-noise stand still,
silent and smooth performance, spreadCycle at higher velocity for high dynamics and highest peak
velocity at low vibration.
spreadCycle is an advanced cycle-by-cycle chopper mode. It offers smooth operation and good
resonance dampening over a wide range of speed and load. The spreadCycle chopper scheme
automatically integrates and tunes fast decay cycles to guarantee smooth zero crossing performance.
Benefits of using stealthChop2:
-
Significantly improved microstepping with low cost motors
-
Motor runs smooth and quiet
-
Absolutely no standby noise
-
Reduced mechanical resonance yields improved torque
1.7 stallGuard2 – Mechanical Load Sensing
stallGuard2 provides an accurate measurement of the load on the motor. It can be used for stall
detection as well as other uses at loads below those which stall the motor, such as coolStep load-
adaptive current reduction. This gives more information on the drive allowing functions like
sensorless homing and diagnostics of the drive mechanics.
1.8 coolStep – Load Adaptive Current Control
coolStep drives the motor at the optimum current. It uses the stallGuard2 load measurement
information to adjust the motor current to the minimum amount required in the actual load situation.
This saves energy and keeps the components cool.
Benefits are:
-
Energy efficiency
power consumption decreased up to 75%
-
Motor generates less heat
improved mechanical precision
-
Less or no cooling
improved reliability
-
Use of smaller motor
less torque reserve required → cheaper motor does the job
Figure 1.5 shows the efficiency gain of a 42mm stepper motor when using coolStep compared to
standard operation with 50% of torque reserve. coolStep is enabled above 60RPM in the example.
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
0
50
100
150
200
250
300
350
Efficiency
Velocity [RPM]
Efficiency with coolStep
Efficiency with 50% torque reserve
Figure 1.5 Energy efficiency with coolStep (example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com