Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7660HCPA Datasheet(PDF) 6 Page - Microchip Technology

Part # TC7660HCPA
Description  HIGH FREQUENCY 7660 DC-TO-DC VOLTAGE CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660HCPA Datasheet(HTML) 6 Page - Microchip Technology

  TC7660HCPA Datasheet HTML 1Page - Microchip Technology TC7660HCPA Datasheet HTML 2Page - Microchip Technology TC7660HCPA Datasheet HTML 3Page - Microchip Technology TC7660HCPA Datasheet HTML 4Page - Microchip Technology TC7660HCPA Datasheet HTML 5Page - Microchip Technology TC7660HCPA Datasheet HTML 6Page - Microchip Technology TC7660HCPA Datasheet HTML 7Page - Microchip Technology TC7660HCPA Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
TC7660H
HIGH FREQUENCY 7660 DC-TO-DC
VOLTAGE CONVERTER
TC7660H-2 10/1/96
© 2001 Microchip Technology Inc.
DS21466A
Efficient Positive Voltage Multiplication/
Conversion
Since the switches that allow the charge pumping op-
eration are bidirectional, the charge transfer can be per-
formed backwards as easily as forwards. Figure 9 shows a
TC7660H transforming –5V to +5V (or +5V to +10V, etc.).
The only problem here is that the internal clock and switch-
drive section will not operate until some positive voltage has
been generated. An initial inefficient pump, as shown in
Figure 9, could be used to start this circuit up, after which it
will bypass the diode and resistor shown dotted in
Figure 9.
1
2
3
4
8
7
6
5
+
VOUT = –V
1.0
µF
+
1 M
V– INPUT
C1
1.0
µF
TC7660H
Figure 9. Positive Voltage Conversion
TYPICAL PERFORMANCE CHARACTERISTICS (Circuit of Figure 1)
500
450
400
200
150
100
50
0
–55
–25
0
+25
+50
+75 +100 +125
Output Source Resistance vs. Temperature
V + = +2V
V + = +5V
78
10k
1k
100
TA = +25°C
Output Source Resistance vs. Supply Voltage
6
5
4
3
2
1
0
SUPPLY VOLTAGE (V)
TEMPERATURE (
°C)
IOUT = 1 mA
10
OUTPUT CURRENT (mA)
0
0
Output Voltage vs. Output Current
CI C2 =1µF
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
10
20 30 40 50
60 70 80
90 100
TA = +25°C
LV OPEN
LOAD CURRENT (mA)
Output Voltage vs. Load Current
1
0
5
4
3
2
0
–1
–2
–3
–4
–5
10
20
30
40
50
60
70
80
TA = +25°C
V+ = +5V
SLOPE 55



Html Pages

1 2 3 4 5 6 7 8