Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7660HCPA Datasheet(PDF) 7 Page - Microchip Technology

Part # TC7660HCPA
Description  HIGH FREQUENCY 7660 DC-TO-DC VOLTAGE CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660HCPA Datasheet(HTML) 7 Page - Microchip Technology

  TC7660HCPA Datasheet HTML 1Page - Microchip Technology TC7660HCPA Datasheet HTML 2Page - Microchip Technology TC7660HCPA Datasheet HTML 3Page - Microchip Technology TC7660HCPA Datasheet HTML 4Page - Microchip Technology TC7660HCPA Datasheet HTML 5Page - Microchip Technology TC7660HCPA Datasheet HTML 6Page - Microchip Technology TC7660HCPA Datasheet HTML 7Page - Microchip Technology TC7660HCPA Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
HIGH FREQUENCY 7660 DC-TO-DC
VOLTAGE CONVERTER
TC7660H
TC7660H-2 10/1/96
© 2001 Microchip Technology Inc.
DS21466A
Dimensions: inches (mm)
8-Pin SOIC
PACKAGE DIMENSIONS
.050 (1.27) TYP.
8
° MAX.
.244 (6.20)
.228 (5.79)
.157 (3.99)
.150 (3.81)
.197 (5.00)
.189 (4.80)
.020 (0.51)
.013 (0.33)
.010 (0.25)
.004 (0.10)
.069 (1.75)
.053 (1.35)
.010 (0.25)
.007 (0.18)
.050 (1.27)
.016 (0.40)
8-Pin Plastic DIP
3
° MIN.
PIN 1
.260 (6.60)
.240 (6.10)
.045 (1.14)
.030 (0.76)
.070 (1.78)
.040 (1.02)
.400 (10.16)
.348 (8.84)
.200 (5.08)
.140 (3.56)
.150 (3.81)
.115 (2.92)
.110 (2.79)
.090 (2.29)
.022 (0.56)
.015 (0.38)
.040 (1.02)
.020 (0.51)
.015 (0.38)
.008 (0.20)
.310 (7.87)
.290 (7.37)
.400 (10.16)
.310 (7.87)



Html Pages

1 2 3 4 5 6 7 8