Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044H Datasheet(PDF) 32 Page - NEC

Part # UPD78044H
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044H Datasheet(HTML) 32 Page - NEC

Back Button UPD78044H Datasheet HTML 28Page - NEC UPD78044H Datasheet HTML 29Page - NEC UPD78044H Datasheet HTML 30Page - NEC UPD78044H Datasheet HTML 31Page - NEC UPD78044H Datasheet HTML 32Page - NEC UPD78044H Datasheet HTML 33Page - NEC UPD78044H Datasheet HTML 34Page - NEC UPD78044H Datasheet HTML 35Page - NEC UPD78044H Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 472 page
background image
32
Chapter 1
Outline (µPD780828A Subseries)
User’s Manual U16504EE1V1UD00
1.8 Overview of Functions
Table 1-2:
Overview of Functions
Item
µPD78F0828A
µPD780828A
µPD780826A
µPD780824A
ROM
59.5 Kbytes
Flash EE
60 Kbytes
Mask ROM
48 Kbytes
Mask ROM
32 Kbytes
Mask ROM
Hi-speed RAM
1024 bytes
Expansion RAM
2016 bytes
480 bytes
LCD Display RAM
28 bytes
Memory space
64 Kbytes
General register
8 bits - 32 registers
(8 bit x 8 x 4 bank)
Main system clock
0.25 µs/0.5 µs/1 µs/2 µs/4 µs (at 8 MHz)
Instruction set
• 16-bit operation
• Multiplication/division (8 bits
× 8 bits, 16 bits ÷ 8 bits)
• Bit manipulation (set, reset, test, boolean operation)
• BCD adjustment, etc.
I/O port
59 in total
Input ports: 5
Output ports: 16
I/O ports: 38
A/D converter
8 bit x 5 channels
Serial I/F
3-wire mode: 1 channel
2-wire/3-wire mode: 1 channel
UART: 1 channel
Timer
16 bit timer / event counter: 1 channel
8 bit timer / event counter: 2 channels
8 bit interval timer: 1 channel
Watch timer: 1 channel
Watchdog timer: 1 channel
Timer output
3 outputs (8-bit PWM output
× 2)
Clock output
8 MHz, 4 MHz, 2 MHz, 1 MHz, 500 KHz, 250 KHz, 125 KHz, 62.5 KHz
@fX = 8 MHz
Sound Generator
1 output
LCD
Segment output: 28, Common output: 4
CAN
1 channel
Vectored interrupt
Non-maskable interrupt: 1 (internal)
Maskable interrupt: 20 (internal)
External interrupt: 3
Software interrupt: 1
Operating voltage
range
VDD = 4.0 V to 5.5 V
Package
80-QFP (14
× 14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com