Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044H Datasheet(PDF) 70 Page - NEC

Part # UPD78044H
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044H Datasheet(HTML) 70 Page - NEC

Back Button UPD78044H Datasheet HTML 66Page - NEC UPD78044H Datasheet HTML 67Page - NEC UPD78044H Datasheet HTML 68Page - NEC UPD78044H Datasheet HTML 69Page - NEC UPD78044H Datasheet HTML 70Page - NEC UPD78044H Datasheet HTML 71Page - NEC UPD78044H Datasheet HTML 72Page - NEC UPD78044H Datasheet HTML 73Page - NEC UPD78044H Datasheet HTML 74Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 472 page
background image
70
Chapter 3
CPU Architecture
User’s Manual U16504EE1V1UD00
3.3 Instruction Address Addressing
An instruction address is determined by program counter (PC) contents. The PC contents are normally
incremented (+1 for each byte) automatically according to the number of bytes of an instruction to be
fetched each time another instruction is executed. However, when a branch instruction is executed, the
branch destination information is set to the PC and branched by the following addressing.
(For details of instructions, refer to 78K/0 User's Manual - Instructions (U12326E).
3.3.1 Relative addressing
The value obtained by adding 8-bit immediate data (displacement value: jdisp8) of an instruction code
to the start address of the following instruction is transferred to the program counter (PC) and branched.
The displacement value is treated as signed two’s complement data (-128 to +127) and bit 7 becomes
a sign bit.
In other words, the range of branch in relative addressing is between -128 and +127 of the start
address of the following instruction. This function is carried out when the BR $addr16 instruction or a
conditional branch instruction is executed.
Figure 3-15:
Relative Addressing
15
0
PC
+
15
0
876
S
15
0
PC
a
jdisp8
When S = 0, all bits of a are 0.
When S = 1, all bits of a are 1.
PC indicates the start address
of the instruction
after the BR instruction.
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com