Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRX102UT3G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LRX102UT3G
Description  EPITAXIAL PLANAR NPN/PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LRX102UT3G Datasheet(HTML) 3 Page - Leshan Radio Company

  LRX102UT3G Datasheet HTML 1Page - Leshan Radio Company LRX102UT3G Datasheet HTML 2Page - Leshan Radio Company LRX102UT3G Datasheet HTML 3Page - Leshan Radio Company LRX102UT3G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
TYPICAL ELECTRICAL CHARACTERISTICS
I - V
0.1
100
0.3
O
I(ON)
I - V
O
I(ON)
0.3
1
3
10
30
1
3
5
10
30
50
100
0.5
Q
O
V =0.2V
I(ON)
INPUT ON VOLTAGE V
(V)
I - V
O
I(OFF)
I(OFF)
INPUT ON VOLTAGE V
(V)
I - V
O
I(OFF)
I(OFF)
INPUT ON VOLTAGE V
(V)
I(ON)
INPUT ON VOLTAGE V
(V)
Ta=25 C
Ta=-25 C
30
0.8
1.0
1.2
1.4
1.6
1.8
2.0
50
100
300
500
1k
3k
5k
10k
V =5V
O
G - I
O
OUTPUT CURRENT I (mA)
0.5
1
3
10
5
IO
G - I
O
OUTPUT CURRENT I (mA)
IO
30
100
10
30
50
100
300
V =5V
O
Ta=100 C
Ta=25 C
Ta=-25 C
-0.1
-0.3
-1
-3
-0.3
-10
-30
-100
-0.5
-1
-3
-5
-10
-30
-50
-100
V =-0.2V
O
Ta=25 C
Ta=-25 C
-25
25
100
-3
-1
20
50
-10
-30
100
1k
V =-5V
O
-100
300
500
Ta=100 C
Ta=25 C
Ta=-25 C
0
-50
-30
-100
-1k
-300
-500
-3k
V =-5V
O
-0.2 -0.4
-0.6 -0.8 -1.0 -1.2 -1.4 -1.6
1
Q1
Q 1
Q 2
2
Q
2
Q
Rev.O 3/4
;S-LRX102UT1G
LRX102UT1G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com