Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRX102UT3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LRX102UT3G
Description  EPITAXIAL PLANAR NPN/PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LRX102UT3G Datasheet(HTML) 1 Page - Leshan Radio Company

  LRX102UT3G Datasheet HTML 1Page - Leshan Radio Company LRX102UT3G Datasheet HTML 2Page - Leshan Radio Company LRX102UT3G Datasheet HTML 3Page - Leshan Radio Company LRX102UT3G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
LRX102UT1G
Device
Marking
Shipping
ORDERING INFORMATION
LRX102UT3G
BM
10000 Tape & Reel
EPITAXIAL PLANAR
NPN/PNP TRANSISTOR
We declare that the material of product
compliance with RoHS requirements.
SC−88A/SOT−353
Features
Including two devices in USV.
(UltraSuperminitypewith5leads.)
With Built-in bias resistors.
Reduce a quantity of parts and manufacturing process.
Simplify circuit design.
1
Q1
23
54
Q2
EQUIVALENT CIRCUIT (TOP VIEW)
R1
R2
COMMON
OUT
Q 1
1
IN
R1
R2
COMMON
OUT
Q 2
IN
Q
R1=47KΩ
R2=47KΩ
2
Q
R1=10KΩ
R2=47KΩ
EQUIVALENT CIRCUIT
LRX102UT1G
BM
3000 Tape & Reel
* Total Raing.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output Voltage
VO
50
V
Input Voltage
VI
40, -10
V
Output Current
IO
100
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output Voltage
VO
-50
V
Input Voltage
VI
-30, 6
V
Output Current
IO
-100
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Dissipation
PD *
200
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
Q1 MAXIMUM RATING (Ta=25
)
°C
Q2 MAXIMUM RATING (Ta=25
)
°C
Q1 Q2 MAXIMUM RATING (Ta=25
)
°C
Rev.O 1/4
S-LRX102UT1G
S- Prefix for Automotive and Other Applications Requiring Unique Site
and Control Change Requirements; AEC-Q101 Qualified and PPAP Capable.


Similar Part No. - LRX102UT3G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LRX102UT3G LEIDITECH-LRX102UT3G Datasheet
759Kb / 4P
Including two devices in USV.
More results

Similar Description - LRX102UT3G

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTX102E KEC-KTX102E Datasheet
99Kb / 5P
EPITAXIAL PLANAR PNP/NPN TRANSISTOR
KRX206U KEC-KRX206U Datasheet
87Kb / 3P
EPITAXIAL PLANAR NPN/PNP TRANSISTOR
KRX211U KEC-KRX211U Datasheet
90Kb / 4P
EPITAXIAL PLANAR PNP/NPN TRANSISTOR
KTX101U KEC-KTX101U_15 Datasheet
65Kb / 5P
EPITAXIAL PLANAR NPN/PNP TRANSISTOR
KTX102E KEC-KTX102E_15 Datasheet
65Kb / 5P
EPITAXIAL PLANAR PNP/NPN TRANSISTOR
KTX103E KEC-KTX103E Datasheet
864Kb / 4P
EPITAXIAL PLANAR NPN/PNP TRANSISTOR
KTX111T KEC-KTX111T_15 Datasheet
69Kb / 4P
EPITAXIAL PLANAR NPN/PNP TRANSISTOR
KTX213E KEC-KTX213E Datasheet
57Kb / 4P
EPITAXIAL PLANAR PNP/NPN TRANSISTOR
KTX213U KEC-KTX213U Datasheet
390Kb / 4P
EPITAXIAL PLANAR PNP/NPN TRANSISTOR
KTX215U KEC-KTX215U Datasheet
58Kb / 4P
EPITAXIAL PLANAR PNP/NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com