Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8596 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 8596
Description  AXL E IOL AO1 I M12 S
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8596 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  8596 Datasheet HTML 1Page - PHOENIX CONTACT 8596 Datasheet HTML 2Page - PHOENIX CONTACT 8596 Datasheet HTML 3Page - PHOENIX CONTACT 8596 Datasheet HTML 4Page - PHOENIX CONTACT 8596 Datasheet HTML 5Page - PHOENIX CONTACT 8596 Datasheet HTML 6Page - PHOENIX CONTACT 8596 Datasheet HTML 7Page - PHOENIX CONTACT 8596 Datasheet HTML 8Page - PHOENIX CONTACT 8596 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AXL E IOL AO1 I M12 S
8596_en_04
PHOENIX CONTACT
4
IO-Link port supply
Typical current consumption
16.5 mA ±15% (at 24 V DC)
Current consumption
max. 135 mA
Protection against polarity reversal
Yes
Short-circuit protection
Yes
Overload protection
Yes
I/O supply voltage
24 V DC
This supply voltage is provided via the IO-Link interface of the IO-Link
master.
Sensor supply voltage
24 V DC (max. 100 mA)
This supply voltage is provided via the I/O supply voltage.
Analog output
Number of outputs
1 (current)
Connection method
M12 connector, A-coded
Connection method
3-conductor
Current output signal
4 mA ... 20 mA
Load/output load current output
max. 500 Ω
D/A resolution
12 bit
Data formats
IB IL, S7-compatible
Precision
< 0.25 % (of output range final value in the nominal range)
Permissible cable length
max. 30 m (shielded cable)
Error messages to the higher level control or computer system
Short circuit
Message in the diagnostic code (in the IB IL format)
Configuration invalid
Message in the diagnostic code (in the IB IL format)
Module faulty
Message in the diagnostic code (in the IB IL format)
Mechanical tests
Vibration resistance in acc. with EN  60068-2-6/IEC  60068-2-6
Operation: 2g
Vibration resistance in acc. with EN  60068-2-6/IEC  60068-2-6
Storage/transport: 5g
Shock in acc. with EN  60068-2-27/IEC  60068-2-27
Operation: 30g, 11 ms, three shocks in each space direction
Shock in acc. with EN  60068-2-27/IEC  60068-2-27
Storage/transport: 50g, 11 ms, three shocks in each space direction
Continuous shock according to EN 60068-2-27/IEC 60068-2-27
10g, 16 ms, 1000 shocks, in all space directions
Approvals
For the latest approvals, please visit phoenixcontact.net/products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com