Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8596 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 8596
Description  AXL E IOL AO1 I M12 S
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8596 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  8596 Datasheet HTML 1Page - PHOENIX CONTACT 8596 Datasheet HTML 2Page - PHOENIX CONTACT 8596 Datasheet HTML 3Page - PHOENIX CONTACT 8596 Datasheet HTML 4Page - PHOENIX CONTACT 8596 Datasheet HTML 5Page - PHOENIX CONTACT 8596 Datasheet HTML 6Page - PHOENIX CONTACT 8596 Datasheet HTML 7Page - PHOENIX CONTACT 8596 Datasheet HTML 8Page - PHOENIX CONTACT 8596 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1Description
Axioline E IO-Link/analog converter for connecting
an analog actuator, 4 mA ... 20 mA, straight version
AXL E IOL AO1 I M12 S
© PHOENIX CONTACT
Data sheet
The IO-Link/analog converter is an IO-Link slave that con-
verts the IO-Link protocol into analog signals.
It therefore offers the option of transmitting signals to analog
actuators via an IO-Link master.
Features
–
Straight version
–
1 IO-Link interface
–
1 analog output
–
Connection of the actuator in 3-wire technology
–
Current range: 4 mA ... 20 mA
–
IO-Link and actuator connections via M12 connectors
–
FE connection for local connection to functional earth
ground
–
Supply of the module electronics and the actuator via
the IO-Link interface of the IO-Link master
–
Diagnostic indicator
Make sure you always use the latest documentation.
It can be downloaded from the product at phoenixcontact.net/products.
8596_en_04
2015-04-28


Similar Part No. - 8596

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8596 FILTRAN-8596 Datasheet
176Kb / 2P
Chokes Data Communication Circuits
logo
API Technologies Corp
8596 APITECH-8596 Datasheet
1Mb / 2P
Data Communication Circuits
More results

Similar Description - 8596

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8588 PHOENIX-8588 Datasheet
223Kb / 12P
AXL E IOL AO1 U M12 R
8590 PHOENIX-8590 Datasheet
223Kb / 12P
AXL E IOL RTD1 M12 R
8595 PHOENIX-8595 Datasheet
227Kb / 12P
AXL E IOL AO1 U M12 S
8597 PHOENIX-8597 Datasheet
228Kb / 12P
AXL E IOL RTD1 M12 S
1293247 PHOENIX-1293247 Datasheet
628Kb / 10P
Temperature module - AXL E IOL RTD4 M12 3M
Dec 8, 2022
2700278 PHOENIX-2700278 Datasheet
378Kb / 8P
Analog module - AXL E IOL AO1 U M12 R
Dec 9, 2022
2700351 PHOENIX-2700351 Datasheet
378Kb / 8P
Analog module - AXL E IOL AO1 I M12 S
Dec 9, 2022
2700352 PHOENIX-2700352 Datasheet
380Kb / 9P
Analog module - AXL E IOL RTD1 M12 S
Dec 9, 2022
2700350 PHOENIX-2700350 Datasheet
378Kb / 8P
Analog module - AXL E IOL AO1 U M12 S
Dec 30, 2022
2702659 PHOENIX-2702659 Datasheet
353Kb / 10P
Digital module - AXL E IOL DO8 M12 6P
Dec 8, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com