Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100034 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 100034
Description  QUINT-PS-3x400-500AC/24DC/20
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

100034 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  100034 Datasheet HTML 1Page - PHOENIX CONTACT 100034 Datasheet HTML 2Page - PHOENIX CONTACT 100034 Datasheet HTML 3Page - PHOENIX CONTACT 100034 Datasheet HTML 4Page - PHOENIX CONTACT 100034 Datasheet HTML 5Page - PHOENIX CONTACT 100034 Datasheet HTML 6Page - PHOENIX CONTACT 100034 Datasheet HTML 7Page - PHOENIX CONTACT 100034 Datasheet HTML 8Page - PHOENIX CONTACT 100034 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
QUINT-PS-3x400-500AC/24DC/20
100034_04_en
PHOENIX CONTACT
3
General Data
Insulation voltage
Input/output
Input/PE
4 kV AC (type test)/1.5 kV AC (routine test)
1.5 kV AC (type test)/1.5 kV AC (routine test)
Insulation voltage output/PE
500 V DC (type test)/500 V DC (routine test)
Mounting position
On horizontal NS 35 DIN rail according to EN 60715
Degree of protection
IP20
Protection class
Ι, with PE connection
MTBF
> 500,000 h according to IEC 61709 (SN 29500)
Housing version
AluNox (AlMg1), closed
Weight
2.300 kg
Dimensions (width x height x depth)
160 mm x 130 mm x 125 mm
Dimensions (width x height x depth) for alternative assembly
122 mm x 130 mm x 163 mm
Status Indicators
DC OK status indicator
Green LED (Uout < 0.9 x UN: LED flashes)
Climatic Data
Ambient temperature (operation)
-25...+70°C (> 60°C derating)
Ambient temperature (storage/transport)
-40...+85°C
Maximum permissible humidity (operation)
95% (at +25°C, no condensation)
Vibration (operation)
< 15 Hz, amplitude ±2.5 mm according to IEC 60068-2-6
15...150 Hz, 2.3g, 90 minutes
Shock
30g in all space directions, according to IEC 60068-2-27
Pollution degree
2 according to EN 50178
Climatic class
3K3 according to EN 60721
Certification/Standards
Electrical equipment of machines
EN 60204 (Surge Voltage Category III)
Safety transformers for switched-mode power supply units
EN 61558-2-17
Electrical safety (of IT equipment)
EN 60950/VDE 0805 (SELV), EN 61558-2-17
CB Scheme
j
UL/C-UL Recognized UL 60950
u
Industrial control equipment
UL/C-UL Listed UL 508
U
Electrical equipment for potentially explosive areas
UL/C-UL Recognized UL 1604, Class
Ι, Division 2, Groups A, B, C, D
Shipbuilding
Germanischer Lloyd
F, ABS
Electronic equipment for use in electrical power installations
EN 50178 (VDE 0160)
Safety extra-low voltage
PELV (EN 60204), SELV (EN 60950)
Safe isolation
DIN VDE 0100-410
Protection against electric shock
DIN 57100-410
Protection against electric shock, basic requirements for safe isolation in
electrical equipment
DIN VDE 0106-101
Limitation of harmonic line currents
According to EN 61000-3-2
Device safety
B (tested safety)
LISTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com