Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5680 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5680
Description  5V 18-Bit nanoDAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5680 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5680 Datasheet HTML 9Page - Analog Devices AD5680 Datasheet HTML 10Page - Analog Devices AD5680 Datasheet HTML 11Page - Analog Devices AD5680 Datasheet HTML 12Page - Analog Devices AD5680 Datasheet HTML 13Page - Analog Devices AD5680 Datasheet HTML 14Page - Analog Devices AD5680 Datasheet HTML 15Page - Analog Devices AD5680 Datasheet HTML 16Page - Analog Devices AD5680 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD5680
Rev. C | Page 13 of 20
MICROPROCESSOR INTERFACING
AD5680 to Blackfin® ADSP-BF531 Interface
Figure 28 shows a serial interface between the AD5680 and
the Blackfin ADSP-BF531 microprocessor. The ADSP-BF531
processor family incorporates two dual-channel synchronous
serial ports, SPORT1 and SPORT0, for serial and multiprocessor
communications. Using SPORT0 to connect to the AD5680, the
setup for the interface is as follows. DT0PRI drives the DIN pin
of the AD5680, while TSCLK0 drives the SCLK of the part. The
SYNC is driven from TFS0.
AD5680*
*ADDITIONAL PINS OMITTED FOR CLARITY.
TFS0
DT0PRI
TSCLK0
SYNC
DIN
SCLK
ADSP-BF531*
Figure 28. AD5680 to Blackfin ADSP-BF531 Interface
AD5680 to 68HC11/68L11 Interface
Figure 29 shows a serial interface between the AD5680 and the
68HC11/68L11 microcontroller. SCK of the 68HC11/68L11
drives the SCLK of the AD5680, while the MOSI output drives
the serial data line of the DAC.
The SYNC signal is derived from a port line (PC7). The setup
conditions for correct operation of this interface are as follows:
The 68HC11/68L11 is configured with its CPOL bit as 0 and its
CPHA bit as 1. When data is being transmitted to the DAC, the
SYNC line is taken low (PC7). When the 68HC11/68L11 is
configured this way, data appearing on the MOSI output is valid
on the falling edge of SCK. Serial data from the 68HC11/68L11
is transmitted in 8-bit bytes with only eight falling clock edges
occurring in the transmit cycle. Data is transmitted MSB first. To
load data to the AD5680, PC7 is left low after the first eight bits
are transferred, and a second serial write operation is performed
to the DAC; PC7 is taken high at the end of this procedure.
AD5680*
*ADDITIONAL PINS OMITTED FOR CLARITY.
PC7
SCK
MOSI
SYNC
SCLK
DIN
68HC11/68L11*
Figure 29. AD5680 to 68HC11/68L11 Interface
AD5680 to 80C51/80L51 Interface
Figure 30 shows a serial interface between the AD5680 and the
80C51/80L51 microcontroller. The setup for the interface is as
follows. TxD of the 80C51/80L51 drives SCLK of the AD5680,
while RxD drives the serial data line of the part. The SYNC
signal is again derived from a bit-programmable pin on the port.
In this case, port line P3.3 is used. When data is to be transmitted
to the AD5680, P3.3 is taken low. The 80C51/80L51 transmits
data in 8-bit bytes only; thus, only eight falling clock edges occur
in the transmit cycle. To load data to the DAC, P3.3 is left low
after the first eight bits are transmitted, and a second write cycle
is initiated to transmit the second byte of data. P3.3 is taken
high following the completion of this cycle. The 80C51/80L51
outputs the serial data in a format that has the LSB first. The
AD5680 must receive data with the MSB first. The 80C51/80L51
transmit routine should take this into account.
80C51/80L51*
AD5680*
*ADDITIONAL PINS OMITTED FOR CLARITY.
P3.3
TxD
RxD
SYNC
SCLK
DIN
Figure 30. AD5680 to 80C51/80L51 Interface
AD5680 to MICROWIRE Interface
Figure 31 shows an interface between the AD5680 and any
MICROWIRE-compatible device. Serial data is shifted out on
the falling edge of the serial clock and is clocked into the AD5680
on the rising edge of the SK.
MICROWIRE*
AD5680*
*ADDITIONAL PINS OMITTED FOR CLARITY.
CS
SK
SO
SYNC
SCLK
DIN
Figure 31. AD5680 to MICROWIRE Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com