Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5680 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5680
Description  5V 18-Bit nanoDAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5680 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5680 Datasheet HTML 12Page - Analog Devices AD5680 Datasheet HTML 13Page - Analog Devices AD5680 Datasheet HTML 14Page - Analog Devices AD5680 Datasheet HTML 15Page - Analog Devices AD5680 Datasheet HTML 16Page - Analog Devices AD5680 Datasheet HTML 17Page - Analog Devices AD5680 Datasheet HTML 18Page - Analog Devices AD5680 Datasheet HTML 19Page - Analog Devices AD5680 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD5680
Data Sheet
Rev. C | Page 16 of 20
USING A REFERENCE AS A POWER SUPPLY FOR
THE AD5680
Because the supply current required by the AD5680 is extremely
low, an alternative option is to use a voltage reference to supply
the required voltage to the part (see Figure 36). This is especially
useful if the power supply is quite noisy, or if the system supply
voltages are at some value other than 5 V, for example, 15 V.
The voltage reference outputs a steady supply voltage for the
AD5680; see Table 6 for a suitable reference. If the low dropout
REF195 is used, it must supply 325 μA of current to the AD5680,
with no load on the output of the DAC. When the DAC output
is loaded, the REF195 also needs to supply the current to the
load. The total current required (with a 5 kΩ load on the DAC
output) is
325 μA + (5 V/5 kΩ) = 1.33 mA
The load regulation of the REF195 is typically 2 ppm/mA,
which results in a 2.7 ppm (13.5 μV) error for the 1.33 mA
current drawn from it. This corresponds to a 0.177 LSB error.
AD5680
SYNC
SCLK
DIN
15V
5V
VOUT = 0V TO 5V
VREF
VDD
REF195
250µA
3-WIRE
SERIAL
INTERFACE
Figure 36. REF195 as Power Supply to the AD5680
USING THE AD5680 WITH A GALVANICALLY
ISOLATED INTERFACE
In process-control applications in industrial environments, it is
often necessary to use a galvanically isolated interface to protect
and isolate the controlling circuitry from any hazardous common-
mode voltages that might occur in the area where the DAC is
functioning. Isocouplers provide isolation in excess of 3 kV. The
AD5680 uses a 3-wire serial logic interface, so the ADuM130D
3-channel digital isolator provides the required isolation (see
Figure 37). The power supply to the part also needs to be isolated,
which is done by using a transformer. On the DAC side of the
transformer, a 5 V regulator provides the 5 V supply required
for the AD5680.
0.1µF
5V
REGULATOR
GND
DIN
SYNC
SCLK
POWER
10µF
SCLK
DIN
AD5680
SYNC
VOUT
VOB
VOA
VOC
VDD
VIC
VIB
VIA
ADuM130D
Figure 37. AD5680 with a Galvanically Isolated Interface
POWER SUPPLY BYPASSING AND GROUNDING
When accuracy is important in a circuit, it is helpful to carefully
consider the power supply and ground return layout on the board.
The printed circuit board containing the AD5680 should have
separate analog and digital sections, each having its own area of
the board. If the AD5680 is in a system where other devices
require an AGND-to-DGND connection, the connection should
be made at one point only. This ground point should be as close
as possible to the AD5680.
The power supply to the AD5680 should be bypassed with 10 μF
and 0.1 μF capacitors. The capacitors should be located as close
as possible to the device, with the 0.1 μF capacitor ideally right
up against the device. The 10 μF capacitors should be the tanta-
lum bead type. It is important that the 0.1 μF capacitor has low
effective series resistance (ESR) and effective series inductance
(ESI), for example, common ceramic types of capacitors. This
0.1 μF capacitor provides a low impedance path to ground for
high frequencies caused by transient currents due to internal
logic switching.
The power supply line itself should have as large a trace as
possible to provide a low impedance path and to reduce glitch
effects on the supply line. Clocks and other fast switching digital
signals should be shielded from other parts of the board by
digital ground. Avoid crossover of digital and analog signals if
possible. When traces cross on opposite sides of the board,
ensure that they run at right angles to each other to reduce
feedthrough effects on the board. The best board layout tech-
nique is the microstrip technique where the component side of
the board is dedicated to the ground plane only and the signal
traces are placed on the solder side. However, this is not always
possible with a 2-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com