Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5752RBREZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD5752RBREZ
Description  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752RBREZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5752RBREZ Datasheet HTML 9Page - Analog Devices AD5752RBREZ Datasheet HTML 10Page - Analog Devices AD5752RBREZ Datasheet HTML 11Page - Analog Devices AD5752RBREZ Datasheet HTML 12Page - Analog Devices AD5752RBREZ Datasheet HTML 13Page - Analog Devices AD5752RBREZ Datasheet HTML 14Page - Analog Devices AD5752RBREZ Datasheet HTML 15Page - Analog Devices AD5752RBREZ Datasheet HTML 16Page - Analog Devices AD5752RBREZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
AD5722R/AD5732R/AD5752R
Rev. F | Page 13 of 32
SUPPLY VOLTAGE (V)
11.5
12.5
12.0
13.5
14.0
13.0
14.5
15.0
15.5
16.0
16.5
BIPOLAR 10V MIN
UNIPOLAR 10V MIN
BIPOLAR 10V MAX
UNIPOLAR 10V MAX
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
Figure 18. AD5752R Total Unadjusted Error vs. Supply Voltage
SUPPLY VOLTAGE (V)
5.5
8.5
6.5
7.5
10.5 11.5
9.5
12.5 13.5 14.5 15.5 16.5
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
BIPOLAR 5V MIN
UNIPOLAR 5V MIN
BIPOLAR 5V MAX
UNIPOLAR 5V MAX
Figure 19. AD5752R Total Unadjusted Error vs. Supply Voltage
–3
–2
–1
0
1
2
3
4
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
±10V
±5V
+10V
Figure 20. Zero-Scale Error vs. Temperature
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
±5V RANGE
±10V RANGE
Figure 21. Bipolar Zero-Scale Error vs. Temperature
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
±10V
±5V
+10V
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
Figure 22. Gain Error vs. Temperature
VLOGIC (V)
–100
0
100
200
300
400
500
600
700
800
900
1000
0
1
2
3
4
5
6
DVCC = 5V
DVCC = 3V
Figure 23. Digital Current vs. Logic Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com