Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCN11 Datasheet(PDF) 11 Page - Hirose Electric

Part # PCN11
Description  Product Compliant with DIN Standard: Solderless Connection Type
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN11 Datasheet(HTML) 11 Page - Hirose Electric

Back Button PCN11 Datasheet HTML 7Page - Hirose Electric PCN11 Datasheet HTML 8Page - Hirose Electric PCN11 Datasheet HTML 9Page - Hirose Electric PCN11 Datasheet HTML 10Page - Hirose Electric PCN11 Datasheet HTML 11Page - Hirose Electric PCN11 Datasheet HTML 12Page - Hirose Electric PCN11 Datasheet HTML 13Page - Hirose Electric PCN11 Datasheet HTML 14Page - Hirose Electric PCN11 Datasheet HTML 15Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
A96
sReceptacle : 2 Row Backplane Type (t=2.4mm board)
qHousing (With Mounting hole)
qHousing (Without mounting hole)
PCN11-*P-2.54BP-2
PCN11A-*P-2.54BP-2
CL No.
Part Number
Unit:mm
583-1131-2
583-1132-5
583-1133-8
583-1134-0
583-1135-3
583-1136-6
583-1137-9
583-1138-1
583-1140-3
PCN11-010P-2.54BP-2
PCN11-016P-2.54BP-2
PCN11-020P-2.54BP-2
PCN11-032P-2.54BP-2
PCN11-044P-2.54BP-2
PCN11-050P-2.54BP-2
PCN11-064P-2.54BP-2
PCN11-090P-2.54BP-2
PCN11-100P-2.54BP-2
Number of Contacts
10
16
20
32
44
50
64
90
100
A
B
30.6
38.22
43.3
58.54
73.78
81.4
99.18
132.2
144.9
25.4
33.02
38.1
53.34
68.58
76.2
93.98
127
139.7
16.77
24.39
29.47
44.71
59.95
67.57
85.35
118.37
131.07
10.16
17.78
22.86
38.1
53.34
60.96
78.74
111.76
124.46
C
D
CL No.
Part Number
Unit:mm
583-1141-6
583-1142-9
583-1143-1
583-1144-4
583-1145-7
583-1146-0
583-1147-2
583-1148-5
583-1150-7
PCN11A-10P-2.54BP-2
PCN11A-16P-2.54BP-2
PCN11A-20P-2.54BP-2
PCN11A-32P-2.54BP-2
PCN11A-44P-2.54BP-2
PCN11A-50P-2.54BP-2
PCN11A-64P-2.54BP-2
PCN11A-90P-2.54BP-2
PCN11A-100P-2.54BP-2
Number of Contacts
10
16
20
32
44
50
64
90
100
A
B
19.4
27.02
32.1
47.34
62.58
70.2
87.98
121
133.7
16.77
24.39
29.47
44.71
59.95
67.57
85.35
118.37
131.07
10.16
17.78
22.86
38.1
53.34
60.96
78.74
111.76
124.46
C
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com