Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCN11 Datasheet(PDF) 17 Page - Hirose Electric

Part # PCN11
Description  Product Compliant with DIN Standard: Solderless Connection Type
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN11 Datasheet(HTML) 17 Page - Hirose Electric

Back Button PCN11 Datasheet HTML 12Page - Hirose Electric PCN11 Datasheet HTML 13Page - Hirose Electric PCN11 Datasheet HTML 14Page - Hirose Electric PCN11 Datasheet HTML 15Page - Hirose Electric PCN11 Datasheet HTML 16Page - Hirose Electric PCN11 Datasheet HTML 17Page - Hirose Electric PCN11 Datasheet HTML 18Page - Hirose Electric PCN11 Datasheet HTML 19Page - Hirose Electric PCN11 Datasheet HTML 20Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
A102
BRecommendation for Press fit Board Assembly
If boards are furnished from the users, HIROSE will assemble the connectors.
Please confirm following requirements.
1Board size: 600 x 600mm max.
2Board through-hole pitch
The board punching bench is designed in the 2.54mm pitch grid. Set the through-hole pitch to pitch (connector side) size to
2.54 x n.
3Connector punching surface indication
For indication on the connector punching surface, mark "FRONT" or "F", and "BACK" or "B" on the reverse side in order to
clearly identify the front and rear sides. In addition, the punching direction should be clearly marked.
4Clearly indicate the board No. and marking position.
5Clearly indicate board mounting hole positions and hole diameters.
In addition, we provide the press fit board assembly from the both sides, For further information, consult HRS company.
BAssembly Drawing
qPCN11
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com