| Electronic Components Datasheet Search |
|
ICS8735AY-01 Datasheet(PDF) 13 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS8735AY-01 Datasheet(HTML) 13 Page - Integrated Circuit Systems |
|
13 / 17 page ![]() 8735AY-01 www.icst.com/products/hiperclocks.html REV. F NOVEMBER 12, 2004 13 Integrated Circuit Systems, Inc. ICS8735-01 1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR RELIABILITY INFORMATION TRANSISTOR COUNT The transistor count for ICS8735-01 is: 2969 TABLE 8A. θ JA VS . AIR FLOW TABLE FOR 32 LEAD LQFP PACKAGE θθθθθ JA by Velocity (Linear Feet per Minute) 0 200 500 Single-Layer PCB, JEDEC Standard Test Boards 67.8°C/W 55.9°C/W 50.1°C/W Multi-Layer PCB, JEDEC Standard Test Boards 47.9°C/W 42.1°C/W 39.4°C/W NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs. TABLE 8B. θ JA VS . AIR FLOW TABLE FOR 32 LEAD VFQFN PACKAGE θθθθθ JA 0 Air Flow (Linear Feet per Minute) 0 Multi-Layer PCB, JEDEC Standard Test Boards 34.8C/W |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |