| Electronic Components Datasheet Search |
|
ICS8735AY-01 Datasheet(PDF) 4 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS8735AY-01 Datasheet(HTML) 4 Page - Integrated Circuit Systems |
|
4 / 17 page ![]() 8735AY-01 www.icst.com/products/hiperclocks.html REV. F NOVEMBER 12, 2004 4 Integrated Circuit Systems, Inc. ICS8735-01 1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR TABLE 4C. DIFFERENTIAL DC CHARACTERISTICS, V CC = VCCA = VCCO = 3.3V±5%, T A = 0°C TO 70°C TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V CC = VCCA = VCCO = 3.3V±5%, T A = 0°C TO 70°C l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U V C C e g a t l o V y l p p u S e r o C 5 3 1 . 33 . 35 6 4 . 3V V A C C e g a t l o V y l p p u S g o l a n A 5 3 1 . 33 . 35 6 4 . 3V V O C C e g a t l o V y l p p u S t u p t u O 5 3 1 . 33 . 35 6 4 . 3V I E E t n e r r u C y l p p u S r e w o P 0 5 1A m I A C C t n e r r u C y l p p u S g o l a n A 5 1A m l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U I H I t u p n I t n e r r u C h g i H N I _ B F , 1 K L C , 0 K L CV N I V = C C V 5 6 4 . 3 =0 5 1A µ N I _ B F n , 1 K L C n , 0 K L C nV N I V = C C V 5 6 4 . 3 =5 A µ I L I t u p n I t n e r r u C w o L N I _ B F , 1 K L C , 0 K L CV N I V , V 0 = C C V 5 6 4 . 3 =5 -A µ N I _ B F n , 1 K L C n , 0 K L C nV N I V , V 0 = C C V 5 6 4 . 3 =0 5 1 -A µ V P P e g a t l o V t u p n I k a e P - o t - k a e P 5 1 . 03 . 1V V R M C 2 , 1 E T O N ; e g a t l o V t u p n I e d o M n o m m o CV E E 5 . 0 +V C C 5 8 . 0 -V V s i K L C n , K L C r o f e g a t l o v t u p n i m u m i x a m e h t , s n o i t a c il p p a d e d n e e l g n i s r o F : 1 E T O N C C . V 3 . 0 + V s a d e n i f e d s i e g a t l o v e d o m n o m m o C : 2 E T O N H I . TABLE 4B. LVCMOS/LVTTL DC CHARACTERISTICS, V CC = VCCA = VCCO = 3.3V±5%, T A = 0°C TO 70°C l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U V H I e g a t l o V h g i H t u p n I 2V C C 3 . 0 +V V L I e g a t l o V w o L t u p n I 3 . 0 -8 . 0V I H I t n e r r u C h g i H t u p n I , 0 L E S , R M , L E S _ K L C 3 L E S , 2 L E S , 1 L E S V N I V = C C =V 5 6 4 . 30 5 1A µ L E S _ L L PV N I V = C C =V 5 6 4 . 35 A µ I L I t n e r r u C w o L t u p n I , 0 L E S , R M , L E S _ K L C 3 L E S , 2 L E S , 1 L E S V N I V , V 0 = C C V 5 6 4 . 3 =5 -A µ L E S _ L L PV N I V , V 0 = C C V 5 6 4 . 3 =0 5 1 -A µ ABSOLUTE MAXIMUM RATINGS Supply Voltage, V CC 4.6V Inputs, V I -0.5V to V CC + 0.5 V Outputs, V O -0.5V to V CCO + 0.5V Package Thermal Impedance, θ JA 32 Lead LQFP 47.9°C/W (0 lfpm) 32 Lead VFQFN 34.8°C/W (0 lfpm) Storage Temperature, T STG -65°C to 150°C NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.These ratings are stress specifications only. Functional operation of product at these conditions or any conditions be- yond those listed in the DC Characteristics or AC Character- istics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |