Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8577 Datasheet(PDF) 3 Page - AVX Corporation

Part # 8577
Description  Female Style 1/2 R High Temperature
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8577 Datasheet(HTML) 3 Page - AVX Corporation

  8577 Datasheet HTML 1Page - AVX Corporation 8577 Datasheet HTML 2Page - AVX Corporation 8577 Datasheet HTML 3Page - AVX Corporation 8577 Datasheet HTML 4Page - AVX Corporation 8577 Datasheet HTML 5Page - AVX Corporation 8577 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
106
Female Style R High Temperature
Series 8577 – 3 rows (3 x 32) Inverted
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
96
a + b + c fully loaded
20 8577 096 002 025
20 8577 096 002 049
64
a + c fully loaded
20 8577 096 002 026
20 8577 096 002 050
0.6 x 0.6 mm Post Profile
32
a + c even loading
20 8577 096 002 033
20 8577 096 002 057
3.0 mm (Y) Right Angled
32
a loading only
20 8577 096 002 027
20 8577 096 002 051
96 contacts, rows a + b + c fully loaded
●●●●
●
c
●●●●
●
b
●●●●
●
a
64 contacts, rows a + c fully loaded
●●●●
●
c
✕✕✕✕
✕
b
●●●●
●
a
32 contacts, rows a + c even loading
✕●
✕●
✕
c
✕✕✕✕
✕❂
✕●
✕●
✕
a
32 contacts, rows a loading only
✕✕✕✕
✕
c
✕✕✕✕
✕
b
●●●●
●
a
No. Contact
Contact
Positions
Rows
A
B
C
D
E
F
G
96
3 (3 x 32)
31
78.74
93.90
88.90
84.90
8.48
10.50
(3.100)
(3.697)
(3.500)
(3.343)
(0.334)
(0.413)
DIMENSIONS
LOADING DESCRIPTION
NB: Alternative Prefix Variations Available: 26, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
Unit: millimeters (inches)
C
A EQ SP @ 2.54 [0.100] = B
A EQ SP @ 2.54 [0.100] = B
2.84
[0.112]
For Y dimension see
contact design
ROW A
ROW C
ROW A
ROW B
D
5.31
[0.209]
D
HOLE PATTERN
F
G
E
10.5
[0.413]
Y
ROW C
5.08
[0.200]
5.08
[0.200]
2.54
[0.100]
2.54
[0.100]
2.54
[0.100]
ROW B
1.02
[0.040]
DIA.
DIA.
DIA.
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com