Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8577 Datasheet(PDF) 4 Page - AVX Corporation

Part # 8577
Description  Female Style 1/2 R High Temperature
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8577 Datasheet(HTML) 4 Page - AVX Corporation

  8577 Datasheet HTML 1Page - AVX Corporation 8577 Datasheet HTML 2Page - AVX Corporation 8577 Datasheet HTML 3Page - AVX Corporation 8577 Datasheet HTML 4Page - AVX Corporation 8577 Datasheet HTML 5Page - AVX Corporation 8577 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
107
Male Style R High Temperature
Series 8577 – 3 rows (3 x 32) Inverted
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
96
a + b + c fully loaded
10 8577 096 001 025
10 8577 096 001 049
64
a + c fully loaded
10 8577 096 001 026
10 8577 096 001 050
32
a + c even loading
10 8577 096 001 033
10 8577 096 001 057
2.9 mm (Y)
32
a loading only
10 8577 096 001 027
10 8577 096 001 051
Straight
46 + 2
fully loaded + ground
10 8577 096 101 025
10 8577 096 101 049
48
a + b + c fully loaded
10 8577 096 002 025
10 8577 096 002 049
32
a + c fully loaded
10 8577 096 002 026
10 8577 096 002 050
16
a + c even loading
10 8577 096 002 033
10 8577 096 002 057
4.5 mm (Y)
16
a loading only
10 8577 096 002 027
10 8577 096 002 051
Straight
46 + 2
fully loaded + ground
10 8577 096 102 025
10 8577 096 102 049
96 contacts, rows a + b + c fully loaded
●●●●
●
c
●●●●
●
b
●●●●
●
a
64 contacts, rows a + c fully loaded
●●●●
●
c
✕✕✕✕
✕
b
●●●●
●
a
32 contacts, rows a + c even loading
✕●
✕●
✕
c
✕✕✕✕
✕
b
✕●
✕●
✕
a
32 contacts, row a loading only
✕✕✕✕
✕
c
✕✕✕✕
✕
b
●●●●
●
a
96 + 2 contacts, fully loaded
with ground in A1 & A32
●●●●
●
c
●●●●
●
b
●●●●
●
a
No. Contact
Contact
Positions
Rows
A
B
C
D
E
F
96
3 (3 x 32)
31
78.74
85.29
87.91
90.00
94.89
(3.100)
(3.358)
(3.461)
(3.543)
(3.736)
denotes ground pin
DIMENSIONS
LOADING DESCRIPTION
NB: Alternative Prefix Variations Available: 16, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
Unit: millimeters (inches)
2.84
[0.112]
HOLE PATTERN
For Y dimension
see contact design
E
ROW A
ROW B
GROUND
CONTACT
1
D
0.30
[0.012]
F
A EQ SP @ 2.54 [0.100] = B
A EQ SP @ 2.54 [0.100] = B
E
ROW A
ROW C
8.74
[0.344]
2.80
[0.110]
11.0
[0.433]
C
11.0
[0.433]
0.30
[0.012]
Y
1
ROW B
ROW C
2.54
[0.100]
2.54
[0.100]
5.64
[0.222]
DIA.
DIA.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com