Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9155-100 Datasheet(PDF) 6 Page - AVX Corporation

Part # 9155-100
Description  Ultra-Low Profile 2.5mm Pitch Battery
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9155-100 Datasheet(HTML) 6 Page - AVX Corporation

  9155-100 Datasheet HTML 1Page - AVX Corporation 9155-100 Datasheet HTML 2Page - AVX Corporation 9155-100 Datasheet HTML 3Page - AVX Corporation 9155-100 Datasheet HTML 4Page - AVX Corporation 9155-100 Datasheet HTML 5Page - AVX Corporation 9155-100 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
CONNECT
INTERCONNECT
INTER
Ultra-Low Profile
2.5mm Pitch Battery
9155-100
LOW PROFILE
MATING PADS
2 WAY MATING PADS
3 WAY MATING PADS
NOTES:
1. SUGGESTED MATING PADS FOR LOW PROFILE BATTERY CONNECTORS.
2. OUTLIE OF CONNECTOR.
3. PROFERED PLATING ON PADS GOLD OVER NICKEL.
4. REFERENCE DIMENSIONS.
5. DIMENSION TO EDGE OF BOARD FOR CONNECTORS WITH STOP.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com