Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9155-100 Datasheet(PDF) 1 Page - AVX Corporation

Part # 9155-100
Description  Ultra-Low Profile 2.5mm Pitch Battery
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9155-100 Datasheet(HTML) 1 Page - AVX Corporation

  9155-100 Datasheet HTML 1Page - AVX Corporation 9155-100 Datasheet HTML 2Page - AVX Corporation 9155-100 Datasheet HTML 3Page - AVX Corporation 9155-100 Datasheet HTML 4Page - AVX Corporation 9155-100 Datasheet HTML 5Page - AVX Corporation 9155-100 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
CONNECT
INTERCONNECT
INTER
AVX has been leading the industry with reliable Board-to-Board (BTB)
compression connectors for commercial, medical and harsh industrial
applications, obtaining the very first contact patent in the early 1990’s.
The broad range of connectors offers both signal contacts which support
1 Amp/contact up to 40 position as well as low pin count (LPC) power
contacts up to 3 Amps/contact.
The newest addition is the Ultra Low Profile (ULP) power connector that
supports a 1.3mm compressed height, the lowest on the market. Gold
plated Beryllium Copper (BeCu) contacts offers the most reliable and
resilient contact performance in this miniature package. The sweeping
contact design offers 0.7mm deflection range, long contact wipe and in
excess of 40 grams of contact force at minimum operating deflection. All
combined, this connector is rated at an unbelievable 5000 mating cycles
for mechanical endurance.
ELECTRICAL
• Current Rating: 3 Amps/Contact
• Voltage Rating: 125VAC
ENVIRONMENTAL
• Operating Temperature:
-40ºC to +105ºC
MECHANICAL
• Insulator Material: Glass-Filled Nylon 46;
UL94 V-O
• Contact Material: Beryllium Copper
• Plating: Gold over Nickel
• Durability: 5000 Cycles
FEATURES AND BENEFITS
• High Reliability / High Cycle Life BeCu contacts for maximum system
performance
• ULP 1.3mm minimum operating height with 0.7mm “Z” axis
compression/tolerance range
• Gold plating supports a broad range applications based on reliability
and environments
• 3 Amp contact rating over a -40ºC to +105ºC operating range supports
a broad application spectrum
APPLICATIONS
• Low profile power, signal, ground or
shielding requirements
• Repeatable/Pluggable module or
battery pack requirements
• Low profile flex circuit to PCB
applications
• Portable devices
Ultra-Low Profile
2.5mm Pitch Battery
9155-100
HOW TO ORDER
00
Prefix
9155
Series
00X
No. of Ways
2 = 002
3 = 003
10X
Low Profile
Battery Connector
Code
Description
Operating Height
Low Profile
100 Battery Connector
1.30 (0.051)
No Stop
Low Profile
101 Battery Connector
1.30 (0.051)
Stop
00X
Plating Option
Code
Description
006
0.4μm Selective Gold, Standard
008
0.8μm Selective Gold, Special Order


Similar Part No. - 9155-100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
9155-000 AVX-9155-000 Datasheet
1Mb / 9P
Standard 2.5mm Pitch Battery
9155-200 AVX-9155-200 Datasheet
765Kb / 6P
Reduced Battery 2.5mm Pitch
9155-300 AVX-9155-300 Datasheet
865Kb / 7P
Right Angle 3.0mm Pitch Battery
logo
Kyocera Kinseki Corpota...
9155-500 KSS-9155-500 Datasheet
701Kb / 7P
Right Angle 2.5mm Pitch 9155-500
logo
AVX Corporation
9155-700 AVX-9155-700 Datasheet
2Mb / 13P
Right Angle 2.0mm Pitch Connector
More results

Similar Description - 9155-100

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
250007MA SUYIN-USA-250007MA Datasheet
124Kb / 1P
2.5mm PITCH BATTERY CONNECTOR
250007MA003XX04XX SUYIN-USA-250007MA003XX04XX Datasheet
89Kb / 1P
2.5mm Pitch Battery Connector
250040MA004XX00XX SUYIN-USA-250040MA004XX00XX Datasheet
44Kb / 1P
2.5mm PITCH BATTERY CONNECTOR
250103MR SUYIN-USA-250103MR Datasheet
175Kb / 1P
2.5mm PITCH BATTERY CONNECTOR
250117MA SUYIN-USA-250117MA Datasheet
145Kb / 1P
2.5mm PITCH BATTERY CONNECTOR
250117MA003XX00XX SUYIN-USA-250117MA003XX00XX Datasheet
98Kb / 1P
2.5mm Pitch Battery
250117MA003XX04XX SUYIN-USA-250117MA003XX04XX Datasheet
78Kb / 1P
2.5mm Pitch Battery
logo
AVX Corporation
009155002100006 AVX-009155002100006 Datasheet
1Mb / 6P
Ultra-Low Profile 2.5mm Pitch Battery
9155-000 AVX-9155-000 Datasheet
1Mb / 9P
Standard 2.5mm Pitch Battery
9155-200 AVX-9155-200 Datasheet
765Kb / 6P
Reduced Battery 2.5mm Pitch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com