Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD10060 Datasheet(PDF) 3 Page - Cree, Inc

Part # CSD10060
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CSD10060 Datasheet(HTML) 3 Page - Cree, Inc

  CSD10060 Datasheet HTML 1Page - Cree, Inc CSD10060 Datasheet HTML 2Page - Cree, Inc CSD10060 Datasheet HTML 3Page - Cree, Inc CSD10060 Datasheet HTML 4Page - Cree, Inc CSD10060 Datasheet HTML 5Page - Cree, Inc CSD10060 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
CSD10060Rev.S
Current Derating
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
65.0
70.0
75.0
80.0
85.0
90.0
95.0
100.0
25
50
75
100
125
150
175
200
Case Temperature
DC
70% Duty
50% Duty
30% Duty
10% Duty
Figure3.CurrentDerating
Figure4.Capacitancevs.ReverseVoltage
Figure5.TransientThermalImpedance
Typical Performance
100
90
80
70
60
50
40
30
20
10
0
25
5075100125150175200
10%Duty*
30%Duty*
50%Duty*
70%Duty*
DC
T
C Case Temperature (°C)
*Frequency>1KHz
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Time (s)
V
R Reverse Voltage (V)
400
350
300
250
200
150
100
50
0
1
10
100
1000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com