Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD10060 Datasheet(PDF) 4 Page - Cree, Inc

Part # CSD10060
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CSD10060 Datasheet(HTML) 4 Page - Cree, Inc

  CSD10060 Datasheet HTML 1Page - Cree, Inc CSD10060 Datasheet HTML 2Page - Cree, Inc CSD10060 Datasheet HTML 3Page - Cree, Inc CSD10060 Datasheet HTML 4Page - Cree, Inc CSD10060 Datasheet HTML 5Page - Cree, Inc CSD10060 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
CSD10060Rev.S
Typical Performance
140
120
100
80
60
40
20
0
T
C Case Temperature (°C)
255075100125150175
Figure6.PowerDerating
0.000
20.000
40.000
60.000
80.000
100.000
120.000
140.000
25
50
75
100
125
150
175



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com