Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGR60N60C2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGR60N60C2
Description  Lightspeed 2TM Series (Electrically Isolated Back Surface)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGR60N60C2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGR60N60C2 Datasheet HTML 1Page - IXYS Corporation IXGR60N60C2 Datasheet HTML 2Page - IXYS Corporation IXGR60N60C2 Datasheet HTML 3Page - IXYS Corporation IXGR60N60C2 Datasheet HTML 4Page - IXYS Corporation IXGR60N60C2 Datasheet HTML 5Page - IXYS Corporation IXGR60N60C2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2004 IXYS All rights reserved
G = Gate
C = Collector
E = Emitter
ISOPLUS247
(IXGR)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ. Max.
BV
CES
I
C
= 1 mA, V
GE = 0 V
600
V
V
GE(th)
I
C
= 250
µA, V
CE = VGE
3.0
5.0
V
I
CES
V
CE = VCES
GR60N60C2
50
µA
V
GE = 0 V
GR60N60C2D1
650
µA
I
GES
V
CE = 0 V, VGE = ±20 V
±100
nA
V
CE(sat)
I
C
= 50 A, V
GE = 15 V
T
J =
25°C
2.3
2.7
V
Note 1
T
J = 125°C
2.0
V
HiPerFASTTM IGBT
ISOPLUS247TM
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 150°C
600
V
V
CGR
T
J
= 25°C to 150°C; R
GE = 1 MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25°C (limited by leads)
75
A
I
C110
T
C
= 110°C
48
A
I
F110
T
C
= 110°C (IXGR60N60C2D1)
39
A
I
CM
T
C
= 25°C, 1 ms
300
A
SSOA
V
GE = 15 V, TVJ = 125°C, RG = 10 Ω
I
CM = 100
A
(RBSOA)
Clamped inductive load @ V
CE ≤ 600 V
P
C
T
C
= 25°C
250
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
V
ISOL
50/60 Hz RMS, t = 1m
2500
V
Weight
5g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
DS99051D(05/04)
V
CES
= 600 V
I
C25
=
75 A
V
CE(sat)
= 2.7 V
t
fi(typ)
=
35 ns
(ISOLATED TAB)
Lightspeed 2TM Series
(Electrically Isolated Back Surface)
IXGR 60N60C2
IXGR 60N60C2D1
Features
DCB Isolated mounting tab
Meets TO-247AD package Outline
High current handling capability
Latest generation HDMOSTM process
MOS Gate turn-on
- drive simplicity
Applications
Uninterruptible power supplies (UPS)
Switched-mode and resonant-mode
power supplies
AC motor speed control
DC servo and robot drives
DC choppers
Advantages
Easy assembly
High power density
Very fast switching speeds for high
frequency applications
IXGR_C2
IXGR_C2D1
Preliminary Data Sheet
C
E


Similar Part No. - IXGR60N60C2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR60N60C3C1 IXYS-IXGR60N60C3C1 Datasheet
199Kb / 6P
GenX3TM 600V IGBT w/ SiC Anti-Parallel Diode
IXGR60N60C3D1 IXYS-IXGR60N60C3D1 Datasheet
221Kb / 7P
High Speed PT IGBT for 40-100 kHz Switching
More results

Similar Description - IXGR60N60C2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR24N60C IXYS-IXGR24N60C Datasheet
56Kb / 2P
HiPerFASTTM IGBT ISOPLUS247TM (Electrically Isolated Back Surface)
IXFR38N80Q2 IXYS-IXFR38N80Q2 Datasheet
568Kb / 5P
Electrically Isolated Back Surface
IXGR32N60C IXYS-IXGR32N60C Datasheet
544Kb / 4P
HiPerFASTTM IGBT Lightspeed Series ISOPLUS247TM package(Electrically Isolated Back Side)
logo
Meder Electronic
PSMG5005 MEDER-PSMG5005 Datasheet
149Kb / 4P
Electrically Isolated Back Surface Single MOSFET Die
logo
IXYS Corporation
IXUC100N055 IXYS-IXUC100N055 Datasheet
575Kb / 2P
Electrically Isolated Back Surface
IXGC16N60C2 IXYS-IXGC16N60C2 Datasheet
541Kb / 2P
Electrically Isolated Back Surface
IXKC15N60C5 IXYS-IXKC15N60C5 Datasheet
119Kb / 4P
Electrically isolated back surface Electrically isolated back surface
IXGC16N60B2 IXYS-IXGC16N60B2 Datasheet
92Kb / 2P
Electrically Isolated Back Surface
DSS20-01AC IXYS-DSS20-01AC Datasheet
121Kb / 4P
Electrically Isolated Back Surface
DSEE8-06CC IXYS-DSEE8-06CC Datasheet
65Kb / 2P
Electrically Isolated Back Surface
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com