Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGR60N60C2 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXGR60N60C2
Description  Lightspeed 2TM Series (Electrically Isolated Back Surface)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGR60N60C2 Datasheet(HTML) 6 Page - IXYS Corporation

  IXGR60N60C2 Datasheet HTML 1Page - IXYS Corporation IXGR60N60C2 Datasheet HTML 2Page - IXYS Corporation IXGR60N60C2 Datasheet HTML 3Page - IXYS Corporation IXGR60N60C2 Datasheet HTML 4Page - IXYS Corporation IXGR60N60C2 Datasheet HTML 5Page - IXYS Corporation IXGR60N60C2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGR 60N60C2
IXGR 60N60C2D1
200
600
1000
0
400
800
80
90
100
110
120
130
140
0.00001
0.0001
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
0
40
80
120
160
0.0
0.5
1.0
1.5
2.0
K
f
T
VJ
°C
-di
F/dt
t
s
K/W
0
200
400
600
800 1000
0
5
10
15
20
0.0
0.4
0.8
1.2
1.6
V
FR
di
F/dt
V
200
600
1000
0
400
800
0
20
40
60
80
100
1000
0
1000
2000
3000
4000
012
0
20
40
60
80
100
120
140
160
I
RM
Q
r
I
F
A
V
F
-di
F/dt
-di
F/dt
A/
µs
A
V
nC
A/
µs
A/
µs
t
rr
ns
t
fr
A/
µs
µs
DSEP 2x61-06A
Z
thJC
I
F=120A
I
F= 60A
I
F= 30A
T
VJ= 100°C
V
R = 300V
T
VJ= 100°C
I
F
= 60A
Fig. 16. Peak reverse current I
RM
versus -di
F/dt
Fig. 15. Reverse recovery charge Q
r
versus -di
F/dt
Fig. 14. Forward current I
F versus VF
T
VJ= 100°C
V
R = 300V
T
VJ= 100°C
V
R = 300V
I
F=120A
I
F= 60A
I
F= 30A
Q
r
I
RM
Fig. 17. Dynamic parameters Q
r, IRM
versus T
VJ
Fig. 18. Recovery time t
rr versus -diF/dt
Fig. 19. Peak forward voltage V
FR and
t
fr versus diF/dt
I
F=120A
I
F= 60A
I
F= 30A
t
fr
V
FR
Fig. 20. Transient thermal resistance junction to case
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.3073
0.0055
2
0.3533
0.0092
3
0.0887
0.0007
4
0.1008
0.0399
T
VJ= 25°C
T
VJ=150°C
T
VJ=100°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com