Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WR032FT60ZB6 Datasheet(PDF) 65 Page - STMicroelectronics

Part # M58WR032FT60ZB6
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FT60ZB6 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button M58WR032FT60ZB6 Datasheet HTML 61Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 62Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 63Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 64Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 65Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 66Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 67Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 68Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 86 page
background image
65/86
M58WR032FT, M58WR032FB
Table 35. Protection Register Information
Table 36. Burst Read Information
Table 37. Bank and Erase Block Region Information
Note: 1. The variable P is a pointer which is defined at CFI offset 15h.
2. Bank Regions. There are two Bank Regions, see Table 28. and Table 29.
Offset
Data
Description
Value
(P+E)h = 47h
0001h
Number of protection register fields in JEDEC ID space. 0000h indicates that
256 fields are available.
1
(P+F)h = 48h
0080h
Protection Field 1: Protection Description
Bits 0-7 Lower byte of protection register address
Bits 8-15 Upper byte of protection register address
Bits 16-23 2n bytes in factory pre-programmed region
Bits 24-31 2n bytes in user programmable region
0080h
(P+10)h = 49h
0000h
(P+11)h = 4Ah
0003h
8 Bytes
(P+12)h= 4Bh
0004h
16 Bytes
Offset
Data
Description
Value
(P+13)h = 4Ch
0003h
Page-mode read capability
bits 0-7 ’n’ such that 2n HEX value represents the number of read-page
bytes. See offset 28h for device word width to determine
page-mode data output width.
8 Bytes
(P+14)h = 4Dh
0004h
Number of synchronous mode read configuration fields that follow.
4
(P+15)h = 4Eh
0001h
Synchronous mode read capability configuration 1
bit 3-7 Reserved
bit 0-2 ’n’ such that 2n+1 HEX value represents the maximum number of
continuous synchronous reads when the device is configured
for its maximum word width. A value of 07h indicates that the
device is capable of continuous linear bursts that will output
data until the internal burst counter reaches the end of the
device’s burstable address space. This field’s 3-bit value can
be written directly to the read configuration register bit 0-2 if
the device is configured for its maximum word width. See
offset 28h for word width to determine the burst data output
width.
4
(P+16)h = 4Fh
0002h
Synchronous mode read capability configuration 2
8
(P+17)h = 50h
0003h
Synchronous mode read capability configuration 3
16
(P+18)h = 51h
0007h
Synchronous mode read capability configuration 4
Cont.
M58WR032FT (top)
M58WR032FB (bottom)
Description
Offset
Data
Offset
Data
(P+19)h = 52h
02h
(P+19)h = 52h
02h
Number of Bank Regions within the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com