Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WR032FT60ZB6 Datasheet(PDF) 37 Page - STMicroelectronics

Part # M58WR032FT60ZB6
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FT60ZB6 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M58WR032FT60ZB6 Datasheet HTML 33Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 34Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 35Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 36Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 37Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 38Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 39Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 40Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 86 page
background image
37/86
M58WR032FT, M58WR032FB
Note: 1. TA= –40 to 85°C; VDD = 1.7V to 2V; VDDQ = 1.7V to 2.24V.
2. The difference between Preprogrammed and not preprogrammed is not significant (‹30ms).
3. Values are liable to change with the external system-level overhead (command sequence and Status Register polling execution).
4. Measurements performed at 25°C. TA = 25°C ±5°C for Quadruple Word, Double Word and Quadruple Enhanced Factory Program.
Erase
Parameter Block (4 KWord)
0.25
2.5
s
Main Block (32 KWord)
0.8
4
s
Bank (4Mbit)
3.5
s
Program(3)
Word/ Double Word/ Quadruple Word(4)
8100
µs
Parameter Block
(4 KWord)
Quad-Enhanced
Factory
10
ms
Enhanced Factory
25
ms
Quadruple Word(4)
8ms
Word
32
ms
Main Block (32
KWord)
Quad-Enhanced
Factory
80
ms
Enhanced Factory
200
ms
Quadruple Word(4)
64
ms
Word
256
ms
Bank (4Mbit)
Quad-Enhanced
Factory(4)
520
ms
Quadruple Word(4)
510
ms
Program/Erase
Cycles (per Block)
Main Blocks
1000
cycles
Parameter Blocks
2500
cycles
Parameter
Condition
Min
Typ
Typical after
100k W/E
Cycles
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com