Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM511000CL Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM511000CL
Description  1,048,576-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM511000CL Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM511000CL Datasheet HTML 3Page - OKI electronic componets MSM511000CL Datasheet HTML 4Page - OKI electronic componets MSM511000CL Datasheet HTML 5Page - OKI electronic componets MSM511000CL Datasheet HTML 6Page - OKI electronic componets MSM511000CL Datasheet HTML 7Page - OKI electronic componets MSM511000CL Datasheet HTML 8Page - OKI electronic componets MSM511000CL Datasheet HTML 9Page - OKI electronic componets MSM511000CL Datasheet HTML 10Page - OKI electronic componets MSM511000CL Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7/15
¡ Semiconductor
MSM511000C/CL
AC Characteristics (2/2)
Read Command Set-up Time
Read Command Hold Time
Read Command Hold Time referenced to RAS
Write Command Set-up Time
Write Command Hold Time
Write Command Hold Time from RAS
Write Command Pulse Width
Write Command to RAS Lead Time
Write Command to CAS Lead Time
Data-in Set-up Time
Data-in Hold Time
Data-in Hold Time from RAS
CAS to WE Delay Time
Column Address to WE Delay Time
RAS to WE Delay Time
CAS Active Delay Time from RAS Precharge
RAS to CAS Set-up Time (CAS before RAS)
RAS to CAS Hold Time (CAS before RAS)
CAS Precharge WE Delay Time
Parameter
Symbol
MSM511000
C/CL-45
MSM511000
C/CL-50
MSM511000
C/CL-60
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Note
8
8
9
10
10
9
9
9
9
tRCS
tRCH
tRRH
tWCS
tWCH
tWP
tCWL
tRWL
tDS
tDH
tDHR
tCWD
tAWD
tRWD
tCPWD
tRPC
tCSR
tCHR
tWCR
Min.
0
0
0
0
10
10
14
14
0
12
35
14
24
45
33
0
10
25
35
Max.
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—ns
Min.
0
0
0
0
10
10
14
14
0
13
40
14
26
50
35
0
10
25
40
Max. Min.
0
0
0
0
10
10
15
15
0
15
50
15
30
60
40
0
10
30
50
Max.
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 1, 2, 3
MSM511000
C/CL-70
Min.
0
0
0
0
15
15
20
20
0
15
55
20
35
70
45
0
10
30
55
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com