Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM511000CL Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM511000CL
Description  1,048,576-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM511000CL Datasheet(HTML) 1 Page - OKI electronic componets

  MSM511000CL Datasheet HTML 1Page - OKI electronic componets MSM511000CL Datasheet HTML 2Page - OKI electronic componets MSM511000CL Datasheet HTML 3Page - OKI electronic componets MSM511000CL Datasheet HTML 4Page - OKI electronic componets MSM511000CL Datasheet HTML 5Page - OKI electronic componets MSM511000CL Datasheet HTML 6Page - OKI electronic componets MSM511000CL Datasheet HTML 7Page - OKI electronic componets MSM511000CL Datasheet HTML 8Page - OKI electronic componets MSM511000CL Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
¡ Semiconductor
MSM511000C/CL
DESCRIPTION
The MSM511000C/CL is a 1,048,576-word ¥ 1-bit dynamic RAM fabricated in Oki's silicon-gate
CMOS technology. The MSM511000C/CL achieves high integration, high-speed operation, and
low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/
single-layer metal CMOS process. The MSM511000C/CL is available in a 26/20-pin plastic SOJ or
20-pin plastic ZIP. The MSM511000CL (the low-power version) is specially designed for lower-
power applications.
FEATURES
• 1,048,576-word ¥ 1-bit configuration
• Single 5 V power supply,
±10% tolerance
• Input
: TTL compatible, low input capacitance
• Output : TTL compatible, 3-state
• Refresh : 512 cycles/8 ms, 512 cycles/64 ms (L-version)
• Fast page mode, read modify write capability
• CAS before RAS refresh, hidden refresh, RAS-only refresh capability
• Package options:
26/20-pin 300 mil plastic SOJ
(SOJ26/20-P-300-1.27) (Product : MSM511000C/CL-xxJS)
20-pin 400 mil plastic ZIP
(ZIP20-P-400-1.27)
(Product : MSM511000C/CL-xxZS)
xx indicates speed rank.
PRODUCT FAMILY
¡ Semiconductor
MSM511000C/CL
1,048,576-Word
¥ 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM511000C/CL-50
50 ns
100 ns
120 ns
440 mW
385 mW
5.5 mW/
Family
Access Time (Max.)
Cycle Time
(Min.)
Standby (Max.)
Power Dissipation
MSM511000C/CL-60
tRAC
60 ns
26 ns
tAA
30 ns
14 ns
tCAC
15 ns
MSM511000C/CL-45
45 ns
90 ns
468 mW
24 ns
14 ns
Operating (Max.)
1.1 mW (L-version)
130 ns
330 mW
MSM511000C/CL-70
70 ns
35 ns
20 ns
E2G0009-17-41
This version: Jan. 1998
Previous version: May 1997


Similar Part No. - MSM511000CL

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116100A OKI-MSM5116100A Datasheet
1Mb / 15P
16,777,216-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160 OKI-MSM5116160 Datasheet
568Kb / 8P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160DSL OKI-MSM5116160DSL Datasheet
526Kb / 17P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160F OKI-MSM5116160F Datasheet
232Kb / 15P
1,048,576-Word 횞 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM511000CL

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160A OKI-MSM5118160A Datasheet
605Kb / 8P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160B OKI-MSM5118160B Datasheet
253Kb / 16P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160D OKI-MSM5118160D Datasheet
526Kb / 17P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400E OKI-MSM514400E Datasheet
284Kb / 15P
1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160A OKI-MSM51V18160A Datasheet
1Mb / 16P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160F OKI-MSM51V16160F Datasheet
228Kb / 16P
1,048,576-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V4400E OKI-MSM51V4400E Datasheet
174Kb / 14P
1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512200 OKI-MSM512200 Datasheet
475Kb / 17P
1,048,576-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400EL OKI-MSM514400EL Datasheet
174Kb / 14P
1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com