Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WR032F-ZBT Datasheet(PDF) 85 Page - STMicroelectronics

Part # M58WR032F-ZBT
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032F-ZBT Datasheet(HTML) 85 Page - STMicroelectronics

Back Button M58WR032F-ZBT Datasheet HTML 78Page - STMicroelectronics M58WR032F-ZBT Datasheet HTML 79Page - STMicroelectronics M58WR032F-ZBT Datasheet HTML 80Page - STMicroelectronics M58WR032F-ZBT Datasheet HTML 81Page - STMicroelectronics M58WR032F-ZBT Datasheet HTML 82Page - STMicroelectronics M58WR032F-ZBT Datasheet HTML 83Page - STMicroelectronics M58WR032F-ZBT Datasheet HTML 84Page - STMicroelectronics M58WR032F-ZBT Datasheet HTML 85Page - STMicroelectronics M58WR032F-ZBT Datasheet HTML 86Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 85 / 86 page
background image
85/86
M58WR032FT, M58WR032FB
REVISION HISTORY
Table 44. Document Revision History
Date
Version
Revision Details
21-Jan-2004
1.0
First Issue
18-Nov-2004
2.0
IDD6 values for Program/Erase in one Bank, Synchronous read in another Bank
changed in Table 18., DC Characteristics - Currents.
Figure 25., Program Suspend & Resume Flowchart and Pseudo Code and Figure
27., Erase Suspend & Resume Flowchart and Pseudo Code modified, notes added.
Small text changes. Data changed at Address Offset 31h in Table 33., Device
Geometry Definition. Small text changes.
Lead Free packages are fully compliant with the ST ECOPACK specification.
Document status promoted from Target Specification to full Datasheet. Alt symbol for
tAVWH and tAVEH removed from Table 22., Write AC Characteristics, Write Enable
Controlled and Table 23., Write AC Characteristics, Chip Enable Controlled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com