Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WR032F-ZBT Datasheet(PDF) 1 Page - STMicroelectronics

Part # M58WR032F-ZBT
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032F-ZBT Datasheet(HTML) 1 Page - STMicroelectronics

  M58WR032F-ZBT Datasheet HTML 1Page - STMicroelectronics M58WR032F-ZBT Datasheet HTML 2Page - STMicroelectronics M58WR032F-ZBT Datasheet HTML 3Page - STMicroelectronics M58WR032F-ZBT Datasheet HTML 4Page - STMicroelectronics M58WR032F-ZBT Datasheet HTML 5Page - STMicroelectronics M58WR032F-ZBT Datasheet HTML 6Page - STMicroelectronics M58WR032F-ZBT Datasheet HTML 7Page - STMicroelectronics M58WR032F-ZBT Datasheet HTML 8Page - STMicroelectronics M58WR032F-ZBT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
1/86
November 2004
M58WR032FT
M58WR032FB
32 Mbit (2Mb x16, Multiple Bank, Burst)
1.8V Supply Flash Memory
FEATURES SUMMARY
■
SUPPLY VOLTAGE
–VDD = 1.7V to 2V for Program, Erase and
Read
–VDDQ = 1.7V to 2.24V for I/O Buffers
–VPP = 12V for fast Program (optional)
■
SYNCHRONOUS / ASYNCHRONOUS READ
–
Synchronous Burst Read mode: 66MHz
–
Asynchronous/ Synchronous Page Read
mode
–
Random Access: 60ns, 70ns, 80ns
■
SYNCHRONOUS BURST READ SUSPEND
■
PROGRAMMING TIME
–
8µs by Word typical for Fast Factory
Program
–
Double/Quadruple Word Program option
–
Enhanced Factory Program options
■
MEMORY BLOCKS
–
Multiple Bank Memory Array: 4 Mbit
Banks
–
Parameter Blocks (Top or Bottom
location)
■
DUAL OPERATIONS
–
Program Erase in one Bank while Read in
others
–
No delay between Read and Write
operations
■
BLOCK LOCKING
–
All blocks locked at Power up
–
Any combination of blocks can be locked
–WP for Block Lock-Down
■
SECURITY
–
128 bit user programmable OTP cells
–
64 bit unique device number
■
COMMON FLASH INTERFACE (CFI)
■
100,000 PROGRAM/ERASE CYCLES per
BLOCK
Figure 1. Package
■
ELECTRONIC SIGNATURE
–
Manufacturer Code: 20h
–
Device Codes:
M58WR032FT (Top): 8814h
M58WR032FB (Bottom): 8815h
■
PACKAGE
–
Compliant with Lead-Free Soldering
Processes
–
Lead-Free Versions
FBGA
VFBGA56 (ZB)
7.7 x 9 mm


Similar Part No. - M58WR032F-ZBT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58WR032E-ZBT STMICROELECTRONICS-M58WR032E-ZBT Datasheet
558Kb / 81P
32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
13-Apr-2004
M58WR032EB STMICROELECTRONICS-M58WR032EB Datasheet
558Kb / 81P
32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
13-Apr-2004
M58WR032EB100ZB6T STMICROELECTRONICS-M58WR032EB100ZB6T Datasheet
558Kb / 81P
32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
13-Apr-2004
M58WR032EB70ZB6T STMICROELECTRONICS-M58WR032EB70ZB6T Datasheet
558Kb / 81P
32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
13-Apr-2004
M58WR032EB80ZB6T STMICROELECTRONICS-M58WR032EB80ZB6T Datasheet
558Kb / 81P
32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
13-Apr-2004
More results

Similar Description - M58WR032F-ZBT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58CR032C STMICROELECTRONICS-M58CR032C Datasheet
435Kb / 63P
32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
06-Sep-2002
M58MR032C STMICROELECTRONICS-M58MR032C Datasheet
396Kb / 52P
32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
01-Aug-2002
M58WR064ET STMICROELECTRONICS-M58WR064ET Datasheet
1Mb / 82P
64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
19-Feb-2003
M58WR128ET STMICROELECTRONICS-M58WR128ET Datasheet
1Mb / 87P
128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
21-May-2003
7782 STMICROELECTRONICS-7782 Datasheet
435Kb / 63P
32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
Sep-2002
M58WR032ET STMICROELECTRONICS-M58WR032ET Datasheet
558Kb / 81P
32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
13-Apr-2004
M36W0R5020T0 STMICROELECTRONICS-M36W0R5020T0 Datasheet
184Kb / 26P
32 Mbit (2Mb x16, Multiple Bank, Burst) Flash Memory and 4 Mbit SRAM, 1.8V Supply Multi-Chip Package
17-Dec-2004
M59DR032EA STMICROELECTRONICS-M59DR032EA Datasheet
386Kb / 43P
32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
22-Apr-2003
M58WR064T STMICROELECTRONICS-M58WR064T Datasheet
497Kb / 81P
64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
Apr-2002
logo
Numonyx B.V
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com