Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3407 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3407
Description  HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3407 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3407 Datasheet HTML 1Page - Diodes Incorporated AP3407 Datasheet HTML 2Page - Diodes Incorporated AP3407 Datasheet HTML 3Page - Diodes Incorporated AP3407 Datasheet HTML 4Page - Diodes Incorporated AP3407 Datasheet HTML 5Page - Diodes Incorporated AP3407 Datasheet HTML 6Page - Diodes Incorporated AP3407 Datasheet HTML 7Page - Diodes Incorporated AP3407 Datasheet HTML 8Page - Diodes Incorporated AP3407 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AP3407/A
Document number: DS37553 Rev. 2 - 2
4 of 10
www.diodes.com
May 2016
© Diodes Incorporated
AP3407/A
Electrical Characteristics (@VIN = VDD = VPVDD = 3.3V, TA = +25°C, unless otherwise specified.)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
2.5
5.5
V
IQ
Quiescent Current
VFB = 0.65V
62
100
µA
ISTBY
Shutdown Supply Current
VEN = GND
0.1
1
µA
VREF
Reference Voltage
For Adjustable Output Voltage
0.588
0.6
0.612
V
IFB
Feedback Bias Current
VFB = VIN
-0.1
0.1
µA
∆VOUT
Output Voltage Accuracy
-2
2
%
RDS(ON)_ P
PMOSFET RON
ISW = 200mA
0.28
RDS(ON) _N
NMOSFET RON
ISW = -200mA
0.25
ILIM
Switch Current Limit
VFB = 0.55V
1.5
2.0
A
VH
EN Pin Threshold
1.5
V
VL
0.4
VUVLO
UVLO Threshold
VDD Rising
2.3
V
VHYS
UVLO Hysteresis
0.2
fOSC
Oscillator Frequency
1.12
1.40
1.68
MHz
DMAX
Max. Duty Cycle
VFB = 0V
100
%
DMIN
Min. Duty Cycle
VFB = 6.5V
0
N-MOS SW Leakage Current
VIN = 3.3V, VSW = 3.3V
0.1
µA
t
Soft-start Time
1
ms
TOTSD
Thermal Shutdown
+160
ºC
THYS
Thermal Shutdown Hysteresis
+20
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com