Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3407 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3407
Description  HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3407 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3407 Datasheet HTML 1Page - Diodes Incorporated AP3407 Datasheet HTML 2Page - Diodes Incorporated AP3407 Datasheet HTML 3Page - Diodes Incorporated AP3407 Datasheet HTML 4Page - Diodes Incorporated AP3407 Datasheet HTML 5Page - Diodes Incorporated AP3407 Datasheet HTML 6Page - Diodes Incorporated AP3407 Datasheet HTML 7Page - Diodes Incorporated AP3407 Datasheet HTML 8Page - Diodes Incorporated AP3407 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP3407/A
Document number: DS37553 Rev. 2 - 2
3 of 10
www.diodes.com
May 2016
© Diodes Incorporated
AP3407/A
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
-0.3 to 6.0
V
VFB
Feedback Voltage
-0.3 to VIN +0.3
V
VEN
EN Pin Voltage
-0.3 to VIN+0.3
V
VSW
SW Pin Voltage
-0.3 to VIN+0.3 (Note 6)
V
θJA
Thermal Resistance (Junction to Ambient)
265
°C/W
θJC
Thermal Resistance (Junction to Case)
60
°C/W
PD
Power Dissipation
0.377
W
TJ
Operating Junction Temperature (Note 5)
+150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10sec)
+260
°C
Notes:
4.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions b
eyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to
“Absolute Maximum Ratings” for extended periods may affect device reliability.
5. The junction temperature rise is given by TRISING = PD*θJA, where PD is the power dissipated by regulator, θJA is the thermal resistance from junction of
the die to the ambient temperature; The junction temperature, TJ is given by TJ = TA+TR, where TA is the ambient temperature.
6. DC voltage rating, for short period of spike voltage, the minimum voltage rating is -1V, in 20nS.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
2.5
5.5
V
IOUT (MAX)
Maximum Output Current
1.2
–
A
TA
Operating Ambient Temperature
-40
+85
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com